Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC560P54x Datasheet(PDF) 91 Page - STMicroelectronics

Part # SPC560P54x
Description  32-bit Power Architecture® based MCU with 1088KB Flash memory and 80KB RAM for automotive chassis and safety applications
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P54x Datasheet(HTML) 91 Page - STMicroelectronics

Back Button SPC560P54x Datasheet HTML 87Page - STMicroelectronics SPC560P54x Datasheet HTML 88Page - STMicroelectronics SPC560P54x Datasheet HTML 89Page - STMicroelectronics SPC560P54x Datasheet HTML 90Page - STMicroelectronics SPC560P54x Datasheet HTML 91Page - STMicroelectronics SPC560P54x Datasheet HTML 92Page - STMicroelectronics SPC560P54x Datasheet HTML 93Page - STMicroelectronics SPC560P54x Datasheet HTML 94Page - STMicroelectronics SPC560P54x Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 105 page
background image
DocID18340 Rev 6
91/105
SPC56xP54x, SPC56xP60x
Electrical characteristics
104
Figure 28. External interrupt timing
3.18.5
DSPI timing
IRQ
2
3
1
Table 41. DSPI timing(1)
No.
Symbol
C
Parameter
Conditions
Min
Max
Unit
1tSCK CC D DSPI cycle time
Master (MTFE = 0)
60
ns
Slave (MTFE = 0)
60
2tCSC CC D PCS to SCK delay
16
ns
3tASC CC D After SCK delay
26
ns
4tSDC CC D SCK duty cycle
0.4 × tSCK 0.6 × tSCK ns
5tA
CC D Slave access time
SS active to SOUT valid
30
ns
6tDIS CC D Slave SOUT disable time
SS inactive to SOUT High-Z or
invalid
16
ns
7tPCSC CC D PCSx to PCSS time
13
ns
8tPASC CCDPCSS to PCSx time
13
ns
9tSUI CC D Data setup time for inputs
Master (MTFE = 0)
35
ns
Slave
4—
Master (MTFE = 1, CPHA = 0)
35
Master (MTFE = 1, CPHA = 1)
35
10
tHI
CC D Data hold time for inputs
Master (MTFE = 0)
–5
ns
Slave
4
Master (MTFE = 1, CPHA = 0)
11
Master (MTFE = 1, CPHA = 1)
–5
11
tSUO CC D Data valid (after SCK edge)
Master (MTFE = 0)
12
ns
Slave
36
Master (MTFE = 1, CPHA = 0)
12
Master (MTFE = 1, CPHA = 1)
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com