Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST1S31PUR Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST1S31PUR
Description  3 A DC step-down switching regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S31PUR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST1S31PUR Datasheet HTML 25Page - STMicroelectronics ST1S31PUR Datasheet HTML 26Page - STMicroelectronics ST1S31PUR Datasheet HTML 27Page - STMicroelectronics ST1S31PUR Datasheet HTML 28Page - STMicroelectronics ST1S31PUR Datasheet HTML 29Page - STMicroelectronics ST1S31PUR Datasheet HTML 30Page - STMicroelectronics ST1S31PUR Datasheet HTML 31Page - STMicroelectronics ST1S31PUR Datasheet HTML 32Page - STMicroelectronics ST1S31PUR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
DocID022998 Rev 4
29/35
ST1S31
Typical characteristics
35
Figure 23. Zero load operation
Figure 24. Overcurrent protection
Figure 25. 100 mA operation
Figure 26. Short-circuit protection
Green: IL (100mA/div)
Yellow: SW (1V/div)
Red: VOUT (20mV/div)
Timescale 2us/div
V
IN =5V, V
OUT =1.2V, I
O=0A
AM11429v1
AM11430v1
Green: IL (1A/div)
Yellow: SW (1V/div)
Red: VOUT(200mV/div)
Timescale 100us/div
V
IN =5.5V
, V
OUT =1.2V, I
LOAD =0.5A
- > 4.8A
Red: VOUT
AM11431v1
Green: IL (100mA/div)
Yellow: SW (1V/div)
(20mV/div)
Timescale 2us/div
VIN =5V, VOUT=1.2V, IO=100mA
AM11430v1
AM11430v1
Green: IL (1A/div)
Yellow: SW (1V/div)
Red: VOUT
(200mV/div)
Timescale 50us/div
VIN=5.5V, VOUT=1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com