Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STBCFG01 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STBCFG01
Description  Integrated current sensing resistor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBCFG01 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STBCFG01 Datasheet HTML 29Page - STMicroelectronics STBCFG01 Datasheet HTML 30Page - STMicroelectronics STBCFG01 Datasheet HTML 31Page - STMicroelectronics STBCFG01 Datasheet HTML 32Page - STMicroelectronics STBCFG01 Datasheet HTML 33Page - STMicroelectronics STBCFG01 Datasheet HTML 34Page - STMicroelectronics STBCFG01 Datasheet HTML 35Page - STMicroelectronics STBCFG01 Datasheet HTML 36Page - STMicroelectronics STBCFG01 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
Package information
STBCFG01
34/37
DocID026474 Rev 3
Table 29: Flip Chip 25 (2.3 x 2.2 mm) option H package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.495
0.55
0.605
A1
0.17
0.20
0.23
A2
0.275
0.30
0.325
b
0.23
0.26
0.29
D
2.25
2.28
2.31
D1
1.6
E
2.16
2.19
2.22
E1
1.6
e
0.4
fD
0.33
0.34
0.35
fE
0.285
0.295
0.305
ccc
0.075
$
0.05
Figure 11: Flip Chip 25 (2.3 x2.2 mm) option H recommended footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com