Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UTOUTC1065 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # UTOUTC1065
Description  High Efficiency, Class A, 1 Watt Amplifier 10 to 1000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

UTOUTC1065 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  UTOUTC1065 Datasheet HTML 1Page - Teledyne Technologies Incorporated UTOUTC1065 Datasheet HTML 2Page - Teledyne Technologies Incorporated UTOUTC1065 Datasheet HTML 3Page - Teledyne Technologies Incorporated UTOUTC1065 Datasheet HTML 4Page - Teledyne Technologies Incorporated UTOUTC1065 Datasheet HTML 5Page - Teledyne Technologies Incorporated UTOUTC1065 Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Electrical Specifications
(Measured in 50
Ω system, VCC = +18 V unless otherwise noted)
Symbol
Unit
T
C
= -55 to +85
°C1
10-1000
12.0
±1.5
12.0
+27.5
2.5:1
2.5:1
MHz
dB
dB
dB
dBm
dBm
dBm
dBm
mA
dBc/Hz
T
C
= 0 to 50
°C
Guaranteed Specifications
Typical
T
C
= 25
°C
10-1000
14.5
±0.5
9
+30.0
1.8
1.8
+40
+58.0
+52.0
470
-165
10-1000
12.5
±1.0
11.0
+28
2.2:1
2.2:1
Frequency Range
Small Signal Gain (Min.)
Gain Flatness (Max.)
Noise Figure (Max.)
Power Output @ +1 dB Comp. (Min.)
Input VSWR (Max.)
Output VSWR (Max.)
Two Tone 3rd Order Intercept Point
Two Tone 2nd Order Intercept Point
One Tone 2nd Harmonic Intercept Pt.
DC Current
Phase Noise @ 500 MHz; 1 kHz Offset
Characteristic
BW
GP
NF
P1dB
VSWR
VSWR
IP3
IP2
HP2
ID
Note 1: UTO version only
Typical Performance Over Temperature (@ +18 VDC unless otherwise noted)
Key: +25
°C
+85
°C
-55
°C
Noise Figure vs. Frequency
Frequency, MHz
10
200
400
600
800
1000
13
12
11
10
9
8
7
1200
10
200
400
600
800
1000
1200
Output VSWR vs. Frequency
3.5
3.0
2.5
2.0
1.5
1.0
Frequency, MHz
10
200
400
600
800
1000
1200
Input VSWR vs. Frequency
3.5
3.0
2.5
2.0
1.5
1.0
Frequency, MHz
10
200
400
600
800
1000
1200
IP3 vs. Frequency
60
50
40
30
Frequency, MHz
10
200
400
600
800
1000
1200
IP2 vs. Frequency
80
70
60
50
40
Frequency, MHz
10
200
400
600
800
1000
1200
HP2 vs. Frequency
90
80
70
60
50
Frequency, MHz
Typical Phase Noise @ 500 MHz
Fourier Frequency, Hz
1
10
100
1000
10000
100000
-120
-130
-140
-150
-160
-170
-180
-190
Gain
Frequency, MHz
10
200
400
600
800
1000
16
15
14
13
12
11
10
9
1200
Power Out 1 dB Comp vs.
Frequency
Frequency, MHz
10
200
400
600
800
1000
32
30
28
26
24
22
20
18
1200



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com