Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GL3PR43 Datasheet(PDF) 5 Page - Sharp Corporation

Part # GL3PR43
Description  3 MM(T-l) CYLINDER LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL3PR43 Datasheet(HTML) 5 Page - Sharp Corporation

  GL3PR43 Datasheet HTML 1Page - Sharp Corporation GL3PR43 Datasheet HTML 2Page - Sharp Corporation GL3PR43 Datasheet HTML 3Page - Sharp Corporation GL3PR43 Datasheet HTML 4Page - Sharp Corporation GL3PR43 Datasheet HTML 5Page - Sharp Corporation GL3PR43 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LED Lamps
u 43 Series
GL3HS43 (Sunset orange) / GL3HY43 (Yellow)
s
Characteristics
Parameter
Symbol
Model No.
Conditions
MIN. TYP. MAX, Unit
Forward voltage
GL3HS43
—
2.0
2,8
GL3HY43
—
2.0
2.8
intensity
Iv
GL3HS43
7,0
25
–
GL3HY43
7.0
25
–
‘c d
Peak emission wavelength
GL3HS43
—
610
–
GL3HY43
—
585
–
‘m
Spectrum radiation bandwidth
GL3HS43
—
35
–
GL3HY43
—
30
–
‘m
Reverse current
GL3HS43
—
—
—
—
10
Terminal capacitance
GL3HS43
GL3HY43
–
–
V=OV
– ,
Response frequency
fc
I GL3HS43 –
—
GL3HY43
–
—
‘H z
Tolerance:
s Characteristics Diagrams
Forward Current vs.
Forward Voltage
Forward voltage
VF (V)
Relative Luminous Intensity vs.
Ambient Temperature
c
–20
0
20
Luminous Intensity vs.
Forward Current
50
30
20
10
0.51
1,
1
1
I
1
1
1 J
0512351
0
20
50
Forward current
IF (mA)
Spectrum Distribution
0
551,
Ambient temperature
(“C)
Radiation Diagram
=
–20’
–10
0
+
–40
+
+50
7 0
+70
Ambient temperature
(“C)
Wavelength
(rim)
59



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com