Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM74C74N Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74C74N
Description  Dual D Flip-Flop
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74C74N Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM74C74N Datasheet HTML 1Page - National Semiconductor (TI) MM74C74N Datasheet HTML 2Page - National Semiconductor (TI) MM74C74N Datasheet HTML 3Page - National Semiconductor (TI) MM74C74N Datasheet HTML 4Page - National Semiconductor (TI) MM74C74N Datasheet HTML 5Page - National Semiconductor (TI) MM74C74N Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Voltage at Any Pin (Note 1)
b
03V to VCC a03V
Operating Temperature Range
MM54C74
b
55 Cto a125 C
MM74C74
b
40 Cto a85 C
Storage Temperature Range
b
65 Cto a150 C
Power Dissipation
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (Soldering 10 seconds)
260 C
Operating VCC Range
3V to 15V
VCC(Max)
18V
DC Electrical Characteristics MinMax limits apply across temperature range unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS TO CMOS
VIN(1)
Logical ‘‘1’’ Input Voltage
VCC e 5V
35
V
VCC e 10V
80
V
VIN(0)
Logical ‘‘0’’ Input Voltage
VCC e 5V
15
V
VCC e 10V
20
V
VOUT(1)
Logical ‘‘1’’ Output Voltage
VCC e 5V
45
V
VCC e 10V
90
V
VOUT(0)
Logical ‘‘0’’ Output Voltage
VCC e 5V
05
V
VCC e 10V
10
V
IIN(1)
Logical ‘‘1’’ Input Current
VCC e 15V
10
m
A
IIN(0)
Logical ‘‘0’’ Input Current
VCC e 15V
b
10
m
A
ICC
Supply Current
VCC e 15V
005
60
m
A
CMOSLPTTL INTERFACE
VIN(1)
Logical ‘‘1’’ Input Voltage
54C VCC e 45V
VCCb15
74C VCC e 475V
VIN(0)
Logical ‘‘0’’ Input Voltage
54C VCC e 475V
08
V
74C VCC e 475V
VOUT(1)
Logical ‘‘1’’ Output Voltage
54C VCC e 45V ID eb360 mA
24
V
74C VCC e 475V ID eb360 mA
VOUT(0)
Logical ‘‘0’’ Output Voltage
54C VCC e 45V ID e 360 mA
04
V
74C VCC e 475V ID e 360 mA
OUTPUT DRIVE (See 54C74C Family Characteristics Data Sheet)
ISOURCE
Output Source Current
VCC e 5V VIN(0) e 0V
b
175
mA
TA e 25 C VOUT e 0V
ISOURCE
Output Source Current
VCC e 10V VIN(0) e 0V
b
80
mA
TA e 25 C VOUT e 0V
ISINK
Output Sink Current
VCC e 5V VIN(1) e 5V
175
mA
TA e 25 C VOUT e VCC
ISINK
Output Sink Current
VCC e 10V VIN(1) e 10V
80
mA
TA e 25 C VOUT e VCC
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com