Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA4-050EU Datasheet(PDF) 2 Page - Emerson Network Power

Part # DA4-050EU
Description  DA4 Series 4 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DA4-050EU Datasheet(HTML) 2 Page - Emerson Network Power

  DA4-050EU Datasheet HTML 1Page - Emerson Network Power DA4-050EU Datasheet HTML 2Page - Emerson Network Power DA4-050EU Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CASE TOP
CASE BOTTOM
2.36"
(60.0)
78.7"
(2000.0)
Rev.10.01.10_124
DA4 Series
2 of 3
Embedded Power for
Business-Critical Continuity
OrderingInformation
Model
Number
Maximum
Power
Output
Voltage
Minimum
Load
Maximum
Load
Peak Load
Ripple
P/P (PARD)1
DA4-050US
4 W
5.5V
0
0.75A
0.80A
150mV
DA4-050EU
4 W
5.5V
0
0.75A
0.80A
150mV
DA4-050CH
4 W
5.5V
0
0.75A
0.80A
150mV
1. Peak-to-peakwith1MHzbandwidthand10µF(tantalumcapacitor)inparallelwitha0.1µFcapacitoratratedline
voltageandloadranges.
2. OutputshouldnotbecroundedforEMIpurpose.
3. Add-0001suffixtothepartnumberforreversepolarity,forexampleDA4-050US-0001.
MechanicalDrawing
DA4-050US
2.36"
(60.0)
CASE BOTTOM
CASE TOP
78.7"
(2000.0)
DA4-050EU



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com