Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MICROPAC Datasheet(PDF) 1 Page - Vicor Corporation

Part # MICROPAC
Description  AC-DC Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MICROPAC Datasheet(HTML) 1 Page - Vicor Corporation

  MICROPAC Datasheet HTML 1Page - Vicor Corporation MICROPAC Datasheet HTML 2Page - Vicor Corporation MICROPAC Datasheet HTML 3Page - Vicor Corporation MICROPAC Datasheet HTML 4Page - Vicor Corporation MICROPAC Datasheet HTML 5Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MicroPAC
Rev 1.2
vicorpower.com
Page 1 of 5
9/2013
800 735.6200
AC-DC Power Supply
MicroPAC
S
NRTL
C
US
C
US
®
Output Configuration
Fill in character from chart below for each output
b=
Vout
Watts
b=
Vout
Watts
A
12
300
G
48
325
B
12
600
H
48
650
C
12
900
I
48
975
D
12
1200
J
48
1300
E
24
600
K
36
900
F
24
1200
T
28
600
P
14
300
U
28
1200
Q
14
600
M
[a]
[a]
R
14
900
Z
[b]
[b]
S
14
1200
[a] M defines a slot with an air block filler, no BCM board
[b] Z indicates the slot is populated with a BCM board that is
connected in series or parallel with the adjacent slot
High efficiency up to 92%
Small Size
High power density (25 W/In3)
Up to 1300 W (Configuration dependent)
Low power standby mode (Green mode)
Universal Input ((47-63 Hz) (400 Hz) (85 to 264 Vac)
DC Input (120 – 300 Vdc)
Up to 4 isolated outputs
Standard 12 V, 14 V, 24 V, 28 V, 36 V & 48 V output
Aux isolated 5 V @ 500 mA bias standby supply
Output parallel capability
All customer interface signals are isolated
Output series capability
Output current sharing
MicroPAC to MicroPAC Current sharing
Optional power shed capability
Over temperature warning
Over temperature shut down
Intelligent fan control
Field replaceable fan
Individual output enable / disable
All output enables / disable capability
TTL control signals
Visual LED display panel
External Serial interface and GUI (Part Number CI-01)
Features
Product Description
The MicroPAC is the first Westcor product to utilize Vicor’s VI Chip technology. The power supply uses
BCM modules to provide up to 4 isolated semi regulated output voltages of 12, 14, 24, 28, 36 and 48 Vdc and
up to 1300 W of continuous power in a very small highly efficient package. The isolated outputs may be placed in parallel/series
configurations and for applications requiring higher power levels MicroPAC power supplies can be configured in arrays up to
several KW. Safety agency approvals limit the configured output voltages to 60Vdc. Configurations and applications where output
voltages are greater than 60Vdc are non-SELV.
This factory configurable rugged power supply supports a wide range of customer power requirements and is especially suited for
distributed power architectures. The design offers a small flexible cost effective solution for applications requiring Power Factor
Correction, high efficiency and power density even in environmentally challenging conditions.
Number of
outputs,
1 to 4
Cooling
F = Fan
L = -40C Fan
M = Confrontal Coat
Interface Customer Option
Non-Safety Related
S = Standard (TTL levels)
Signaling and Control
U P
a
–b
b
b
b
c
d
e
Part Numbering
Examples:
UP1-FZZZ-FSG
Denotes a single output of 24 V 1200 W
with a standard fan, standard TTL signaling and control,
RoHS compliant
UP4-AAAA-LSN
Denotes 4 output unit, each output is 12 V 300 W.
The fan is a -40°C capable unit, standard TTL signaling,
and the unit is non-RoHS
RoHS
Compliant
G = RoHS
N = Non-RoHS
MicroPAC
Constant
End of Life - Not Recommended for New Designs


Similar Part No. - MICROPAC

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
MICRO-01 MAJOR-LEAGUE-MICRO-01 Datasheet
143Kb / 2P
.050" Staggered cl Female on Board Connector Surface Mount Straight With Polarization
MICRO-02 MAJOR-LEAGUE-MICRO-02 Datasheet
139Kb / 2P
.050" Staggered cl Female on Board Side Entry Connector
MICRO-03 MAJOR-LEAGUE-MICRO-03 Datasheet
151Kb / 2P
.050" Staggered cl Female on Board Connector Thru Hole Straight With Kinked Pins
MICRO-04 MAJOR-LEAGUE-MICRO-04 Datasheet
183Kb / 2P
.050" Staggered cl Plug (paddleboard) Connector Thru Hole Straight With Kinked Pins
MICRO-05 MAJOR-LEAGUE-MICRO-05 Datasheet
157Kb / 2P
.050" Staggered cl IDC Male On Wire Connector Cable Mount With Polarizing Peg
More results

Similar Description - MICROPAC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com