Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STEVAL-ILL055V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ILL055V1
Description  High-efficiency isolated offline LED drive with 11 W fixed output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILL055V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ILL055V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILL055V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILL055V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILL055V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STEVAL-ILL055V1
High-efficiency isolated offline LED drive with 11 W fixed output
and high PF, based on the HVLED815PF (EU input range)
Data brief
Features
•
Input:
−
Voltage: 185 – 264 Vac
−
Frequency: 45 – 55 Hz
•
Output:
−
Current: 640 mA
−
Voltage: 6 LED module (blue or white)
•
Power factor
−
> 0.9
•
Efficiency
−
84%
•
PCB type and size:
−
FR4
−
Double layer
−
Copper thickness: 35 µm
−
LED driver size: 17 x 55 mm
−
Board size: 34 x 88 mm
•
Isolation
−
Isolated 2 kV / 4 mm isolation gap
•
EMI
−
According to EN55022 Class B
Description
The STEVAL-ILL055V1 is an isolated SMPS
designed in high power factor flyback topology. It
generates a 640 mA nominal output current,
delivering up to 11 W of output power and
provides a cost-effective and space-saving
solution. This product evaluation board is based
on the HVLED815PF, a monolithic converter
integrating both an 800 V avalanche-rugged
MOSFET and PWM controller in a single
package.
April 2014
DocID026196 Rev 1
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com


Similar Part No. - STEVAL-ILL055V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILL051V1 STMICROELECTRONICS-STEVAL-ILL051V1 Datasheet
217Kb / 4P
3 A HB LED driver with dimming function based on the LED2000 in an SO-8 Batwing package
26-May-2016
STEVAL-ILL051V2 STMICROELECTRONICS-STEVAL-ILL051V2 Datasheet
231Kb / 4P
Internal current limiting
26-May-2016
STEVAL-ILL052V1 STMICROELECTRONICS-STEVAL-ILL052V1 Datasheet
84Kb / 4P
RoHS compliant
25-Oct-2012
STEVAL-ILL053V1 STMICROELECTRONICS-STEVAL-ILL053V1 Datasheet
95Kb / 4P
RoHS compliant
25-Oct-2012
STEVAL-ILL054V1 STMICROELECTRONICS-STEVAL-ILL054V1 Datasheet
230Kb / 4P
Internal current limiting
27-May-2016
More results

Similar Description - STEVAL-ILL055V1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3799 LINER-LT3799 Datasheet
1Mb / 20P
Offline Isolated Flyback LED Controller with Active PFC
logo
Pulse A Technitrol Comp...
P0584NL PULSE-P0584NL Datasheet
88Kb / 1P
OFFLINE GATE DRIVE OFFLINE GATE DRIVE
logo
STMicroelectronics
STEVAL-ILL013V1 STMICROELECTRONICS-STEVAL-ILL013V1 Datasheet
1Mb / 43P
80 W offline LED driver with PFC
10-Aug-2009
UM0670 STMICROELECTRONICS-UM0670 Datasheet
1Mb / 43P
80 W offline LED driver with PFC
10-Aug-2009
logo
Linear Technology
LT3799 LINER-LT3799_15 Datasheet
265Kb / 20P
Offline Isolated Flyback LED Controller with Active PFC
LT3799-1 LINER-LT3799-1_15 Datasheet
216Kb / 20P
Offline Isolated Flyback LED Controller with Active PFC
logo
Diodes Incorporated
AP1685 DIODES-AP1685 Datasheet
428Kb / 14P
OFFLINE, HIGH PF, HIGH EFFICIENCY LED DRIVER IC
Rev 1
AP1694 DIODES-AP1694 Datasheet
367Kb / 9P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
Rev 2
AP1695 DIODES-AP1695 Datasheet
442Kb / 15P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER IC
Rev 1
logo
Monolithic Power System...
MP4054 MPS-MP4054 Datasheet
758Kb / 19P
Non-isolated Offline LED Controller with Active PFC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com