Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSMBJ5918B Datasheet(PDF) 1 Page - Microsemi Corporation

Part # HSMBJ5918B
Description  SILICON 3.0W ZENER DIOCE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

HSMBJ5918B Datasheet(HTML) 1 Page - Microsemi Corporation

  HSMBJ5918B Datasheet HTML 1Page - Microsemi Corporation HSMBJ5918B Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MSC1299.PDF
ISO 9001 CERTIFIED
REV E 10/19/99
ZENNER
VOLTAGE
VT
(NOTE 1)
TEST
CURRENT
IZT
DYNAMIC
IMPEDANCE
ZZT
(NOTE 2)
KNEE
CURRENT
IZK
KNEE
IMPEDANCE
ZZK
(NOTE 2)
REVERSE
CURRENT
IR
REVERSE
VOLTAGE
VR
MAX.DC
CURRENT
IZM
(NOTE 3)
PART
NUMBER
Volts
mA
Ohms
mA
OHMS
µ Adc
Volts
MA
HSMBJ5913B
3.3
113.6
10.0
1.0
500
100.0
1.0
749
HSMBJ5914B
3.6
104.2
9.0
1.0
500
75.0
1.0
686
HSMBJ5915B
3.9
96.1
7.5
1.0
500
25.0
1.0
633
HSMBJ5916B
4.3
87.2
6.0
1.0
500
5.0
1.0
574
HSMBJ5917B
4.7
79.8
5.0
1.0
500
5.0
1.5
526
HSMBJ5918B
5.1
73.5
4.0
1.0
350
5.0
2.0
485
HSMBJ5919B
5.6
66.9
2.0
1.0
250
5.0
3.0
440
HSMBJ5920B
6.2
60.5
2.0
1.0
200
5.0
4.0
397
HSMBJ5921B
6.8
55.1
2.5
1.0
200
5.0
5.2
363
HSMBJ5922B
7.5
50.0
3.0
0.5
400
5.0
6.0
330
HSMBJ5923B
8.2
45.7
3.5
0.5
400
5.0
6.5
300
HSMBJ5924B
9.1
41.2
4.0
0.5
500
5.0
7.0
270
HSMBJ5925B
10
37.5
4.5
0.25
500
5.0
8.0
247
HSMBJ5926B
11
34.1
5.5
0.25
550
1.0
8.4
206
HSMBJ5927B
12
31.2
6.5
0.25
550
1.0
9.1
206
HSMBJ5928B
13
28.9
7.0
0.25
550
1.0
9.9
189
HSMBJ5929B
15
25.0
9.0
0.25
600
1.0
11.4
165
HSMBJ5930B
16
23.4
10.0
0.25
600
1.0
12.2
153
HSMBJ5931B
18
20.8
12.0
0.25
650
1.0
13.7
137
HSMBJ5932B
20
18.7
14.0
0.25
650
1.0
15.2
124
HSMBJ5933B
22
17.0
17.5
0.25
650
1.0
16.7
112
HSMBJ5934B
24
15.6
19.0
0.25
700
1.0
18.2
102
HSMBJ5935B
27
13.9
23.0
0.25
700
1.0
20.6
91
HSMBJ5936B
30
12.5
28.0
0.25
750
1.0
22.8
83
HSMBJ5937B
33
11.4
33.0
0.25
800
1.0
25.1
74
HSMBJ5938B
36
10.4
38.0
0.25
850
1.0
27.4
68
HSMBJ5939B
39
9.6
45.0
0.25
900
1.0
29.7
63
HSMBJ5940B
43
8.7
53.0
0.25
950
1.0
32.7
56
HSMBJ5941B
47
8.0
67.0
0.25
1000
1.0
35.8
51
HSMBJ5942B
51
7.3
70.0
0.25
1100
1.0
38.8
48
HSMBJ5943B
56
6.7
86.0
0.25
1300
1.0
42.6
43
HSMBJ5944B
62
6.0
100
0.25
1500
1.0
47.1
40
HSMBJ5945B
68
5.5
120
0.25
1700
1.0
51.2
36
HSMBJ5946B
75
5.0
140
0.25
2000
1.0
56.0
33
HSMBJ5947B
82
4.6
160
0.25
2500
1.0
62.2
30
HSMBJ5948B
91
4.1
200
0.25
3000
1.0
69.2
26
HSMBJ5949B
100
3.7
250
0.25
3100
1.0
76.0
25
HSMBJ5950B
110
3.4
300
0.25
4000
1.0
83.6
22
HSMBJ5951B
120
3.1
280
0.25
4500
1.0
91.2
20
HSMBJ5952B
130
2.9
450
0.25
5000
1.0
98.8
18
HSMBJ5953B
150
2.5
600
0.25
6000
1.0
114.0
17
HSMBJ5954B
160
2.3
700
0.25
6500
1.0
121.6
15
HSMBJ5955B
180
2.1
900
0.25
7000
1.0
136.8
13
HSMBJ5956B
200
1.9
1200
0.25
8000
1.0
152.0
12
8700 E. Thomas Road
Scottsdale, AZ 85251
Tel: (480) 941-6300
Fax (480) 947-1503
Electrical Characteristics @ TL = 30°C
HSMBJ5913B
thru
HSMBJ5956B
SILICON
3.0 W
ZENER DIODE
FEATURES:
•
Surface mount equivalent to 1N5913B thru 1N5956B
•
Popular HSMBJ Package outline-Small and Rugged
•
Zener voltage 3.3V to 200V
•
Constructed with an Oxide Passivated All Diffused Die
MAXIMUM RATINGS:
•
Junction and Storage Temperature: -55
°C to +150°C
•
DC Power Dissipation 3 W at Lead Temp. TL
≤75°C
•
Derate above +75
°C: 40 mW/°C
•
Forward voltage @ 200mA: 1.2Volts and TL = 30
°C
Mechanical
Characteristics
•
Case: Similar to DO-214AA
•
Terminals: Leads tin plated
•
Thermal resistance: 25°C/W
(maximum) junction to lead
at mounting plane
•
Polarity: Cathode indicated
by a band
•
Packaging: Standard 12 mm
tape 2500 per 13 inch reel
see (EIA Standard RS-481)
DIMENSIONS
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
.073
.087
1.85
2.21
B
.160
.180
4.06
4.57
C
.130
.155
3.30
3.94
D
.205
.220
5.21
5.59
E
.075
.130
1.91
3.30
F
.030
.060
.76
1.52
G
.006
.016
.15
.41


Similar Part No. - HSMBJ5918B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HSMBJ5918 ETC2-HSMBJ5918 Datasheet
292Kb / 3P
Transient Voltage Suppressor
More results

Similar Description - HSMBJ5918B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
Zener silicon diodes
logo
Mitsubishi Electric Sem...
RA03M9595M MITSUBISHI-RA03M9595M Datasheet
144Kb / 8P
952-954MHz 3.0W 8.0V, 2 Stage Amp.
logo
Shenzhen Luguang Electr...
1SMB5926 LUGUANG-1SMB5926 Datasheet
236Kb / 4P
3.0W Surface Mount Silicon Zener Diode
logo
Diodes Incorporated
1SMB5936B-13 DIODES-1SMB5936B-13 Datasheet
108Kb / 5P
3.0W SURFACE MOUNT POWER ZENER DIODE
Rev 6
1SMB5931B-13 DIODES-1SMB5931B-13 Datasheet
113Kb / 6P
3.0W SURFACE MOUNT POWER ZENER DIODE
Rev 6
1SMB5913B DIODES-1SMB5913B_15 Datasheet
490Kb / 6P
3.0W SURFACE MOUNT POWER ZENER DIODE
Rev 7
logo
Shenzhenshi YONGFUKANG ...
CS6219 YONGFUKANG-CS6219 Datasheet
767Kb / 21P
3.0W/CH
logo
Zibo Seno Electronic En...
3EZ3.9D5 ZSELEC-3EZ3.9D5 Datasheet
131Kb / 2P
3.0W SILICON ZENER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com