Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UTOUTC0221 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # UTOUTC0221
Description  Thin-Film Cascadable Amplifier 10 to 200 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

UTOUTC0221 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  UTOUTC0221 Datasheet HTML 1Page - Teledyne Technologies Incorporated UTOUTC0221 Datasheet HTML 2Page - Teledyne Technologies Incorporated UTOUTC0221 Datasheet HTML 3Page - Teledyne Technologies Incorporated UTOUTC0221 Datasheet HTML 4Page - Teledyne Technologies Incorporated UTOUTC0221 Datasheet HTML 5Page - Teledyne Technologies Incorporated UTOUTC0221 Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Electrical Specifications
(Measured in 50
Ω system @ +15 VDC nominal unless otherwise noted)
Symbol
Unit
T
C
= –55 to +85
°C
10-200
26.0
±1.0
3.0
+13.0
2.0:1
2.0:1
—
—
—
—
MHz
dB
dB
dB
dBm
—
—
dBm
dBm
dBm
mA
T
C
= 0 to 50
°C
Guaranteed Specifications
Typical
T
C
= 25
°C
10-200
28.5
±0.3
2.0
+15.5
1.5:1
1.4:1
+23.0
+28.0
+37.0
29
10-200
27.0
±0.7
2.5
+13.5
2.0:1
2.0:1
—
—
—
—
Characteristic
Frequency Range
Small Signal Gain (Min.)
Gain Flatness (Max.)
Noise Figure (Max.)
Power Output @ +1 dB Comp. (Min.)
Input VSWR (Max.)
Output VSWR (Max.)
Two Tone 3rd Order Intercept Point
Two Tone 2nd Order Intercept Point
One Tone 2nd Harmonic Intercept Point
DC Current
BW
GP
—
NF
P1dB
—
—
IP3
IP2
HP2
ID
Typical Performance Over Temperature (@ +15 VDC unless otherwise noted)
Key: +25
°C
+85
°C
-55
°C
31
10
Gain
Frequency, MHz
50
100
150
30
29
28
27
200
2.0
Frequency, MHz
1.75
1.5
1.25
1.0
Noise Figure
250
300
0
50
100
150
200
18
Power Output
Frequency, MHz
50
100
17
16
15
2.5
Input VSWR
Frequency, MHz
2.0
1.5
1.0
Output VSWR
Frequency, MHz
30
Third-Order Intercept Point
Frequency, MHz
25
20
38
Second-Order Intercept Point
Frequency, MHz
36
34
32
44
Second-Harmonic Intercept Point
Frequency, MHz
42
40
38
150
200
2.0
1.75
1.5
1.25
10
50
100
200
150
250
50
100
150
200
14
1.0
10
50
100
200
150
250
30
28
0
50
100
200
150
250
36
10
50
100
200
150
250



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com