Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSMBJ5919B Datasheet(PDF) 2 Page - Microsemi Corporation

Part # HSMBJ5919B
Description  SILICON 3.0W ZENER DIOCE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

HSMBJ5919B Datasheet(HTML) 2 Page - Microsemi Corporation

  HSMBJ5919B Datasheet HTML 1Page - Microsemi Corporation HSMBJ5919B Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MSC1299.PDF
ISO 9001 CERTIFIED
REV E 10/19/99
HSMBJ5913B thru HSMBJ5956B
NOTE 1: No suffix indicates a ±20% tolerance on nominal VZ. Suffix A denotes a ±10% tolerance, B
denotes a ±5% tolerance, C denotes ±2% tolerance, and D denotes a ±1% tolerance. VZ is
measured with diode TL at 30°C and thermal equilibrium.
NOTE 2: Zener impedance is derived from the 1 kHz ac voltage which results when an ac current having an
rms value equal to 10% of dc zener current (IZT or IZK) superimposed on IZT or IZK.
NOTE 3: Based upon 3 W maximum power dissipation. Allowance has been made for the higher voltage
associated with higher currents and temperature. For determination of voltage change with
current deviations from IZT see Micro Note 202.
TL Lead Temperature at Mounting Plane



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com