Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NTMFS4841N Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTMFS4841N
Description  Power MOSFET 30V 57A Single N-Channel, SO-8FL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4841N Datasheet(HTML) 4 Page - ON Semiconductor

  NTMFS4841N Datasheet HTML 1Page - ON Semiconductor NTMFS4841N Datasheet HTML 2Page - ON Semiconductor NTMFS4841N Datasheet HTML 3Page - ON Semiconductor NTMFS4841N Datasheet HTML 4Page - ON Semiconductor NTMFS4841N Datasheet HTML 5Page - ON Semiconductor NTMFS4841N Datasheet HTML 6Page - ON Semiconductor NTMFS4841N Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NTMFS4841N
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES
4 V
5.5 V to 10 V
60
0.011
15
0.002
30
1.4
1.0
0.6
1000
10000
0
30
2
1
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
3
0.013
0.009
0.005
5
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
ID, DRAIN CURRENT (AMPS)
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
−55
25
5
−15
−35
45
85
65
23
15
10
30
5
3
VDS = 10 V
TJ = 25°C
TJ = −55°C
TJ = 125°C
VGS = 4.5 V
125
VGS = 0 V
ID = 30 A
VGS = 10 V
50
TJ = 150°C
TJ = 25°C
40
0
45
TJ = 25°C
20
0.1
VGS = 5 V
1.8
100
4
1
620
0.005
25
4.5 V
3.4 V
3.6 V
3.8 V
40
10
20
140
30
20
140
10
50
ID = 30 A
TJ = 25°C
78
9
0.007
0.011
0.015
VGS = 11.5 V
105
10
TJ = 25°C
0.008
10
5
60
70
67
8
10
11
0.017
0.014
25
60
70
80
90
100
110
120
130
80
90
100
110
120
130
0.017
0.012
0.008
0.006
0.010
0.014
0.016
40
55
45
50
35
1.3
0.9
1.7
1.2
0.8
1.6
1.1
0.7
1.5
1
TJ = 125°C
145
0.018
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com