Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NTLJS2103P Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTLJS2103P
Description  Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJS2103P Datasheet(HTML) 4 Page - ON Semiconductor

  NTLJS2103P Datasheet HTML 1Page - ON Semiconductor NTLJS2103P Datasheet HTML 2Page - ON Semiconductor NTLJS2103P Datasheet HTML 3Page - ON Semiconductor NTLJS2103P Datasheet HTML 4Page - ON Semiconductor NTLJS2103P Datasheet HTML 5Page - ON Semiconductor NTLJS2103P Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NTLJS2103P
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
Figure 9. Resistive Switching Time
Variation versus Gate Resistance
Figure 10. Diode Forward Voltage vs. Current
SINGLE PULSE TIME (s)
QG, TOTAL GATE CHARGE (nC)
VDS = −9.6 V
ID = −5.9 A
TJ = 25°C
-VGS
QGS
QGD
QT
-VDS
−VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
VGS = 0 V
TJ = 25°C
TJ = 150°C
Figure 11. Threshold Voltage
TJ, JUNCTION TEMPERATURE (°C)
ID = −250 mA
Figure 12. Single Pulse Maximum Power
Dissipation
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
VGS = 0 V
TJ = 25°C
f = 1 MHz
Coss
Ciss
Crss
RG, GATE RESISTANCE (OHMS)
tr
td(off)
td(on)
tf
VGS = −4.5 V
VDD = −8.0 V
ID = −5.9 A
02
4
6
8
10
12
0
200
400
600
800
1000
1200
1400
1600
1800
02
4
6
8
10
12
0
1
2
3
4
5
14
0
2
4
6
8
10
12
1
10
100
1
10
100
10000
1
10
100
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
−50
50
150
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
−25
75
0
100
25
125
0.001
10
0
10
20
30
40
50
60
0.01
100
0.1
1000
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com