Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STEVAL-ILL074V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ILL074V1
Description  Short circuit protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILL074V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ILL074V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILL074V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILL074V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILL074V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ILL074V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
March 2016
DocID028857 Rev 3
1/5
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ILL074V1
60 W wide input range flyback converter using HVLED001A
quasi resonant flyback controller
Data brief
Features
Input voltage: Vin = 90 - 277 Vrms, f = 45-66
Hz
Output voltage: 52 V / 1.2 A
High power factor, low THD
Full load efficiency: greater than 90%
Short circuit protection
Safety: complies with EN60065
PCB board: 165 mm x 50 mm double sided
PCB
RoHS compliant
Description
The STEVAL-ILL074V1 provides a stable and
insulated 52 V voltage bus suitable for secondary
side circuitry (e.g., LED current generators), for a
total output power of 60 W, given a wide input
voltage range. An auxiliary 15 V output is also
present to supply small circuitries absorbing a
maximum current of 50 mA.
A very high power factor is obtained thanks to the
features of the HVLED001A device. Input voltage
variations, excessive input voltage (overvoltage
from surges or bursts) or very low input voltages
are handled through several HVLED001A
protections, improving the reliability of the
application.
Output short circuit and overload protections with
auto-restart are available for safe operation in
lighting environments.


Similar Part No. - STEVAL-ILL074V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILL074V2 STMICROELECTRONICS-STEVAL-ILL074V2 Datasheet
310Kb / 5P
Short circuit protection
20-Feb-2017
More results

Similar Description - STEVAL-ILL074V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L149H STMICROELECTRONICS-L149H Datasheet
119Kb / 6P
SHORT CIRCUIT PROTECTION
Jul-2003
logo
Central Technologies
CTDD3220DF-D1R5K-3MW CT-CTDD3220DF-D1R5K-3MW Datasheet
277Kb / 2P
Continuous Short Circuit Protection
logo
Infineon Technologies A...
TLE7209-3R INFINEON-TLE7209-3R Datasheet
676Kb / 32P
Short circuit protection
logo
Astec America, Inc
ASA ASTEC-ASA Datasheet
115Kb / 2P
Short circuit protection
logo
Inchange Semiconductor ...
LM7824 ISC-LM7824 Datasheet
236Kb / 2P
Short circuit protection
logo
STMicroelectronics
STEVAL-ISA089V1 STMICROELECTRONICS-STEVAL-ISA089V1 Datasheet
78Kb / 4P
Short-circuit protection
01-Apr-2011
STEVAL-ILL063V1 STMICROELECTRONICS-STEVAL-ILL063V1 Datasheet
239Kb / 4P
Short-circuit protection
17-Dec-2014
STEVAL-ILL074V2 STMICROELECTRONICS-STEVAL-ILL074V2 Datasheet
310Kb / 5P
Short circuit protection
20-Feb-2017
L78S STMICROELECTRONICS-L78S Datasheet
983Kb / 35P
Short circuit protection
10-Mar-2014
logo
PEAK electronics GmbH
P6LG-053R3EK PEAK-P6LG-053R3EK Datasheet
149Kb / 3P
Short Circuit Protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com