Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STEVAL-ILL076V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ILL076V2
Description  Short circuit protection with auto restart
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILL076V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ILL076V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILL076V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILL076V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILL076V2 Datasheet HTML 4Page - STMicroelectronics STEVAL-ILL076V2 Datasheet HTML 5Page - STMicroelectronics STEVAL-ILL076V2 Datasheet HTML 6Page - STMicroelectronics STEVAL-ILL076V2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
September 2016
DocID029692 Rev 1
1/7
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ILL076V2
18 W wide input range ultra slim flyback converter using
HVLED001A quasi resonant flyback controller and STD8N80K5
Data brief
Features
Input voltage: Vin: 90
– 264 Vrms, f: 45 – 66
Hz
Output power:
18 W at wide input range
40 W at European input range
Output voltage: 56 V ±5 %
High power factor, low THD
No-load: better than 400 mW at 230 Vin
Full load efficiency: greater than 92 %
Short circuit protection with auto restart
EMI: pre-compliant with EN55022 (B) limits
Safety: complies with EN60950
Dimensions: 183 mm x 28 mm x 17 mm
PCB: single sided, 35 µm, FR4, mixed
PTH/SMD
RoHS compliant
Description
This board implements an offline power converter
based on a single stage high-PF flyback topology
using the HVLED001A controller.
A very slim form factor is achieved with
innovative magnetic componentry.
The output voltage is controlled by the primary
side, thus reducing the need for costly opto-
couplers. The HVLED001A PSR precision and
the innovative structure of the transformer makes
for highly accurate output voltage regulation
against load and line changes.
A very high efficiency is obtained and a full set of
protections including output short circuit and input
overvoltage is included.
Conducted EMI is pre-screened and clearances
and creepage distances adhere to EN60950
safety requirements.
Power factor and THD are optimized to be
respectively higher than 0.95 and lower than 10%
at full load over the entire input voltage range.
The main application for this converter is for bus
power supplies in a LED string driver providing 4
kV isolation.


Similar Part No. - STEVAL-ILL076V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILL076V1 STMICROELECTRONICS-STEVAL-ILL076V1 Datasheet
235Kb / 4P
Short-circuit protection with auto restart
18-Sep-2015
More results

Similar Description - STEVAL-ILL076V2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2410ML-04W-B30-E00 ETC2-2410ML-04W-B30-E00 Datasheet
363Kb / 1P
Auto Restart/Polarity Protection
3610KL-05W-B50-D00 ETC2-3610KL-05W-B50-D00 Datasheet
315Kb / 1P
Auto Restart/Polarity Protection
logo
Powerbox
C1500 POWERBOX-C1500 Datasheet
87Kb / 3P
Overvoltage protection with auto restart
C2500 POWERBOX-C2500 Datasheet
200Kb / 3P
Overvoltage protection with auto restart
C3500 POWERBOX-C3500 Datasheet
180Kb / 3P
Overvoltage protection with auto restart
C3800 POWERBOX-C3800 Datasheet
1Mb / 2P
Overvoltage protection with auto restart
logo
STMicroelectronics
STEVAL-ILL069V1 STMICROELECTRONICS-STEVAL-ILL069V1 Datasheet
271Kb / 5P
Short circuit protection with auto restart
02-Jul-2015
STEVAL-ILL069V2 STMICROELECTRONICS-STEVAL-ILL069V2 Datasheet
295Kb / 5P
Short circuit protection with auto restart
15-Sep-2016
STEVAL-ILL076V1 STMICROELECTRONICS-STEVAL-ILL076V1 Datasheet
235Kb / 4P
Short-circuit protection with auto restart
18-Sep-2015
STEVAL-ISA057V1 STMICROELECTRONICS-STEVAL-ISA057V1 Datasheet
104Kb / 4P
Short-circuit protection based on auto-restart feature
12-Nov-2008
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com