Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STEVAL-IPE002V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IPE002V1
Description  Electricity Meter (mono phase) - Measurement Board 2 Current Transformers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IPE002V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IPE002V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IPE002V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IPE002V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IPE002V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office
Rev 1
January 2006
1/4
4
STEVAL-IPE002V1
Electricity Meter (mono phase) - Measurement Board
2 Current Transformers
Features
■
Single-phase, 0.5 class accuracy guaranteed
■
UNOM(RMS) = 140 to 300V,
INOM/IMAX(RMS) = 2/20A, fLIN = 45 to 65Hz,
TAMB = -40 to +85 °C
■
Tamper detection for power line systems
■
LED checking for:
– Functioning
– No Load Condition
– Tamper Detection
– Reverse Energy Direction
■
Stepper Motor Display Connector
■
Capacitive Power Supply
■
SPI Interface Connector:
– Active, Reactive Apparent Power
consumption
–VRMS, IRMS and Line Frequency
–Status
Applications
This metering module can be used to build a
Class
0.5
Single-phase
standalone
or
microprocessor based meter with or without
Tamper detection for power line systems of
UNOM = 140 to 300VRMS, INOM/IMAX = 2/20ARMS,
fLIN = 45 to 65Hz and TAMB = -40 to +85 °C.
In standalone mode, a stepper motor display
should be connected to pins W5 and W6. A user
can select the type of stepper or the constant of
output pulse frequency by changing LVS or KMOT
configurators respectively.
In Microprocessor based mode, a control board
with a microprocessor should be connected to the
male connector P1 of the module using a 10-wire
flat cable.
STEVAL-IPE002V1
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STEVAL-IPE002V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPE004V1 STMICROELECTRONICS-STEVAL-IPE004V1 Datasheet
191Kb / 4P
Electricity Meter (mono phase) - Measurement Board 1 Shunt
12-Jan-2006
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
STEVAL-IPE006V2 STMICROELECTRONICS-STEVAL-IPE006V2 Datasheet
593Kb / 7P
High end meter Demonstration board
13-Jul-2006
STEVAL-IPE007V1 STMICROELECTRONICS-STEVAL-IPE007V1 Datasheet
155Kb / 8P
Mono-phase energy meter based on ST7Flite
20-Jul-2007
STEVAL-IPE008V1 STMICROELECTRONICS-STEVAL-IPE008V1 Datasheet
287Kb / 8P
Energy meter (3-phase) demonstration board based on the STPM01 and STR715FR0
25-Nov-2008
More results

Similar Description - STEVAL-IPE002V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPE004V1 STMICROELECTRONICS-STEVAL-IPE004V1 Datasheet
191Kb / 4P
Electricity Meter (mono phase) - Measurement Board 1 Shunt
12-Jan-2006
STEVAL-IPE007V1 STMICROELECTRONICS-STEVAL-IPE007V1 Datasheet
155Kb / 8P
Mono-phase energy meter based on ST7Flite
20-Jul-2007
logo
Silan Microelectronics ...
SC7755S SILAN-SC7755S Datasheet
618Kb / 9P
ELECTRICITY POWER METER CIRCUIT
logo
Maxim Integrated Produc...
MAX71020 MAXIM-MAX71020 Datasheet
1Mb / 37P
Single-Chip Electricity Meter AFE
Rev 0; 7/12
MAX71020 MAXIM-MAX71020_13 Datasheet
1Mb / 35P
Single-Chip Electricity Meter AFE
Rev 1; 1/13
logo
STMicroelectronics
STEVAL-IPE020V1 STMICROELECTRONICS-STEVAL-IPE020V1 Datasheet
294Kb / 7P
Single phase electricity meter with dual EEPROM M24LR64 and STPM10 and STM8L152
13-Mar-2012
logo
Kemet Corporation
MRC-01 KEMET-MRC-01 Datasheet
243Kb / 6P
ZCT, Zero-Phase Current Transformers
logo
STMicroelectronics
EVALSTPM-3PHISO STMICROELECTRONICS-EVALSTPM-3PHISO Datasheet
291Kb / 4P
Three-phase full shunt electricity meter evaluation board based on STPMS2, STISO621W and STM32F413RH
Rev 1 - October 2020
logo
Maxim Integrated Produc...
MAX71334L MAXIM-MAX71334L Datasheet
105Kb / 3P
ZON P3/P3L Polyphase Electricity Meter SoC
1 /12 /2015
MAX71313L MAXIM-MAX71313L Datasheet
104Kb / 3P
ZON M1L/M1 Single-Phase Electricity Meter SoC
1 /12 /2015
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com