Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXFT80N085 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFT80N085
Description  HiPerFETTM Power MOSFETs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFT80N085 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFT80N085 Datasheet HTML 1Page - IXYS Corporation IXFT80N085 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 - 2
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C85
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MW
85
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C80
A
I
L(RMS)
Lead current limit
75
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
320
A
I
AR
T
C
= 25
°C80
A
E
AR
T
C
= 25
°C50
mJ
E
AS
2.5
J
dv/dt
I
S
£ I
DM, di/dt £ 100 A/ms, VDD £ VDSS,
5
V/ns
T
J
£ 150°C, R
G = 2 W
P
D
T
C
= 25
°C
300
W
T
J
-55 to +150
°C
T
JM
150
°C
T
stg
-55 to +150
°C
T
L
1.6 mm (0.063 in) from case for 10 s
300
°C
M
d
Mounting torque
1.13/10
Nm/lb.in.
Weight
TO-247
6
g
TO-268
4
g
N-Channel Enhancement Mode
Avalanche Rated, High dv/dt
Preliminary data sheet
Features
• International standard packages
• Low R
DS (on)
• Rated for unclamped Inductive load
switching (UIS)
• Molding epoxies meet UL 94 V-0
flammability classification
Advantages
• Easy to mount
• Space savings
• High power density
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 1 mA
85
V
V
GS(th)
V
DS
= V
GS, ID = 4 mA
2.0
4.0
V
I
GSS
V
GS = ±20 VDC, VDS = 0
±100
nA
I
DSS
V
DS
= V
DSS
T
J
= 25
°C50
mA
V
GS = 0 V
T
J
= 125
°C1
mA
R
DS(on)
V
GS = 10 V, ID = 0.5 ID25
9m
W
Pulse test, t
£ 300 ms, duty cycle d £ 2 %
TO-247 AD (IXFH)
G = Gate
D
= Drain
S = Source TAB = Drain
HiPerFETTM
Power MOSFETs
TO-268 (IXFT) Case Style
(TAB)
G
S
V
DSS
= 85 V
I
D25
= 80 A
R
DS(on)
=9 m
W
t
rr £ 200 ns
IXFH 80N085
IXFT 80N085
(TAB)
98709 (03/24/00)
IXYS reserves the right to change limits, test conditions, and dimensions.


Similar Part No. - IXFT80N085

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFT80N08 IXYS-IXFT80N08 Datasheet
93Kb / 2P
N-Channel Enhancement Mode Avalanche Rated, High dv/dt
logo
Inchange Semiconductor ...
IXFT80N08 ISC-IXFT80N08 Datasheet
400Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXFT80N085

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH90N20Q IXYS-IXFH90N20Q Datasheet
100Kb / 2P
HiPerFETTM Power MOSFETs Q-CLASS
IXFR44N60 IXYS-IXFR44N60 Datasheet
34Kb / 2P
HiPerFETTM Power MOSFETs ISOPLUS247
IXFR120N20 IXYS-IXFR120N20 Datasheet
34Kb / 2P
HiPerFETTM Power MOSFETs ISOPLUS247
IXFK27N80 IXYS-IXFK27N80 Datasheet
162Kb / 4P
HiPerFETTM Power MOSFETs
IXFR180N06 IXYS-IXFR180N06 Datasheet
82Kb / 2P
HiPerFETTM Power MOSFETs
IXFH26N60Q IXYS-IXFH26N60Q Datasheet
107Kb / 2P
HiPerFETTM Power MOSFETs Q-Class
IXFH70N15 IXYS-IXFH70N15 Datasheet
55Kb / 2P
HiPerFETTM Power MOSFETs
IXFK24N100 IXYS-IXFK24N100_07 Datasheet
137Kb / 4P
HiPerFETTM Power MOSFETs
IXFT44N50Q3 IXYS-IXFT44N50Q3 Datasheet
138Kb / 5P
HiperFETTM Power MOSFETs Q3-Class
IXFY4N60P3 IXYS-IXFY4N60P3 Datasheet
165Kb / 5P
Polar3 TM HiPerFETTM Power MOSFETs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com