Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STEVAL-ISA112V1 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STEVAL-ISA112V1
Description  Complying with EuP Lot 6 requirements
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA112V1 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STEVAL-ISA112V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 9Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 10Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 11Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 12Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 13Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
STEVAL-ISA112V1
Thermal performances
Doc ID 024120 Rev 1
11/14
Figure 19.
Thermal map at VIN = 230 VAC,
Iout = 350 mA, TAMB = 25 ° C:
IC supplied from the output
(J1 selected)
Figure 20.
Thermal map at VIN = 230 VAC,
Iout = 350 mA, TAMB = 25 ° C:
IC self supplied (J1 not selected)
AM11642v1
AM11643v1
Figure 21.
Thermal map at VIN = 265 VAC,
Iout = 350 mA, TAMB = 25 ° C:
IC supplied from the output
(J1 selected)
Figure 22.
Thermal map at VIN = 265 VAC,
Iout = 350 mA, TAMB = 25 ° C:
IC self supplied (J1 not selected)
AM11644v1
AM11645v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com