Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STEVAL-ISA113V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-ISA113V1
Description  Wide range single-output demonstration board based on the VIPER06HS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA113V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-ISA113V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA113V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA113V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA113V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA113V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISA113V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ISA113V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-ISA113V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-ISA113V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Adapter features
STEVAL-ISA113V1
2/11
Doc ID 024140 Rev 1
1
Adapter features
The electrical specifications are given in
Table 1, the schematic in Figure 1, and the bill of
material in
Table 2.
Table 1.
Electrical specifications
Parameter
Symbol
Value
Input voltage range
VIN
[90 VAC; 265 VAC]
Output voltage
VOUT
12 V
Max. output current
IOUT
0.35 A
Precision of output regulation
ΔVOUT_LF
±5%
High frequency output voltage ripple
ΔVOUT_HF
50 mV
Max. ambient operating temperature
TAMB
60
° C
Table 2.
Bill of material
Ref.
Part
Description
Package
Manufacturer
Cin1
2.2 µF, 400 V NHG series electrolytic
capacitor
Cin2
4.7 µF, 400 V AX series electrolytic capacitor
Saxon
CVDD
1 µF, 50 V electrolytic capacitor
1206
Murata
Cfilt1
100 nF, 50 V ceramic capacitor
0805
Cfilt2
Not mounted
Cc
10 nF, 50 V ceramic capacitor
1206
Cp
1 nF, 50 V ceramic capacitor
1206
Cfb
1 nF, 50 V ceramic capacitor
0805
Cout
330 µF, 16 V ZL series ultra-low ESR
electrolytic cap.
Rubycon
D0
MB6S
600 V, 1 A diode bridge
TO-269AA
Vishay
D2
STPS2H100
100 V, 2 A power Schottky rectifier
SMA
ST
Daux
1N4148W
Surface mount fast switching diode
SOD-123
Zetex
R0
4.7
Ω 3/4 W resistor
RLIM
15 k
Ω 5% 1/4 W resistor
0805
Rc
47 k
Ω 5% 1/4 W resistor
0805
RfbH1
33 k
Ω 1% 1/4 W resistor
0805
RfbH2
0
Ω
1206
RfbL1
12 k
Ω 1% 1/4 W resistor
1206
RfbL2
0.47 k
Ω 1% 1/4 W resistor
0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com