Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STEVAL-ISA115V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA115V1
Description  12 V, 150 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA115V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA115V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA115V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA115V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA115V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STEVAL-ISA115V1
12 V, 150 mA non-isolated buck converter using VIPer™ Plus -
VIPER06XS
Data brief
Features
•
Universal input mains range:
−
input voltage: 90 VAC - 264 VAC
−
frequency: 45 Hz - 65 Hz
•
Single-output voltage: 12 V @ 0.15 A
continuous operation
•
Standby mains consumption: < 50 mW @
265 VAC
•
Average efficiency: > 75%
•
Fully protected against faults (overload,
feedback disconnection and overheating)
•
EMI: in accordance with EN55022-Class-B
•
RoHS compliant
Description
The STEVAL-ISA115V1 evaluation board is a 12
V / 0.15 A power supply set in buck topology with
the VIPER06XS, a new off-line high voltage
converter by STMicroelectronics.
The features of the device include an 800 V
avalanche rugged power section, PWM operation
at 30 kHz with frequency jittering for lower EMI,
current limiting with adjustable set point, onboard
soft-start, a safe auto-restart after a fault
condition and low standby power consumption.
Available protection features include thermal
shutdown with hysteresis, delayed overload
protection and open loop failure protection. All
protection is auto-restart mode.
STEVAL-ISA115V1
May 2014
DocID024373 Rev 2
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com


Similar Part No. - STEVAL-ISA115V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA110V1 STMICROELECTRONICS-STEVAL-ISA110V1 Datasheet
1Mb / 10P
12 V/12 W wide-range non-isolated flyback based on the VIPER26LN
11-Feb-2013
STEVAL-ISA111V1 STMICROELECTRONICS-STEVAL-ISA111V1 Datasheet
809Kb / 9P
Wide-range single-output demonstration board based on the VIPER26HN
10-Dec-2012
STEVAL-ISA112V1 STMICROELECTRONICS-STEVAL-ISA112V1 Datasheet
2Mb / 14P
Complying with EuP Lot 6 requirements
08-Jan-2013
STEVAL-ISA113V1 STMICROELECTRONICS-STEVAL-ISA113V1 Datasheet
1Mb / 11P
Wide range single-output demonstration board based on the VIPER06HS
10-Jan-2013
STEVAL-ISA114V1 STMICROELECTRONICS-STEVAL-ISA114V1 Datasheet
571Kb / 8P
5 V, 160 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
September 2016 Rev 2
More results

Similar Description - STEVAL-ISA115V1

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-49 POWERINT-DER-49 Datasheet
578Kb / 17P
3W Non-Isolated Buck-Boost Converter using LNK305P
DER-92 POWERINT-DER-92 Datasheet
251Kb / 14P
0.5W Non-Isolated Buck-Boost Converter using the LNK302P
logo
STMicroelectronics
STEVAL-ISA180V1 STMICROELECTRONICS-STEVAL-ISA180V1 Datasheet
210Kb / 4P
12 V - 0.6 A flyback isolated converter using VIPer™Plus ??VIPer0P
21-Jul-2016
STEVAL-ISA114V1 STMICROELECTRONICS-STEVAL-ISA114V1 Datasheet
571Kb / 8P
5 V, 160 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
September 2016 Rev 2
STEVAL-ISA135V1 STMICROELECTRONICS-STEVAL-ISA135V1 Datasheet
137Kb / 4P
4 W, 12 V output, isolated flyback converter using VIPer™Plus - VIPER06HS
08-May-2014
STEVAL-ISA136V1 STMICROELECTRONICS-STEVAL-ISA136V1 Datasheet
253Kb / 4P
3W, 5V output, isolated flyback converter using VIPer™ Plus - VIPER06HN
May 2014 Rev 2
STEVAL-ISA140V1 STMICROELECTRONICS-STEVAL-ISA140V1 Datasheet
190Kb / 4P
15W, 12V output, isolated flyback converter using VIPer™ Plus - VIPER37HE
November 2014 Rev 2
STEVAL-ISA177V1 STMICROELECTRONICS-STEVAL-ISA177V1 Datasheet
273Kb / 4P
5 V, 0.85 A flyback converter using VIPer™ Plus – VIPer01
02-Sep-2016
STEVAL-ISA179V1 STMICROELECTRONICS-STEVAL-ISA179V1 Datasheet
219Kb / 4P
15 V, 0.15 A buck converter using VIPer™ Plus – VIPer0P
14-Mar-2016
logo
Infineon Technologies A...
ICE5BR2280BZ INFINEON-ICE5BR2280BZ Datasheet
1Mb / 23P
700 mA non-isolated high-voltage buck evaluation board using ICE5BR2280BZ
V 1.0 2022-06-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com