Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STEVAL-ISA140V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-ISA140V1
Description  15W, 12V output, isolated flyback converter using VIPer™ Plus - VIPER37HE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA140V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-ISA140V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA140V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA140V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA140V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Schematic diagram
STEVAL-ISA140V1
2/4
DocID025733 Rev 2
1
Schematic diagram
Figure 1. STEVAL-ISA140V1 circuit schematic
C6
33uF
D4
BAT41ZFILM
L2
3.3uH
R4
30k
16
NTC
C4
1nF
GND
12V-1.25A
OPTO
SFH610A-2
OPTO
SFH610A-2
C12
10nF
C10
100uF
IC2
TS432
BR
CONT
DRAIN
GND
CONTROL
FB
VDD
IC1
VIPER37HE
BR
RMB6S
R7
1k
T1
F1
2A
D2
BAT41ZFILM
AC IN
AC IN
D6
STPS5H100UF
D3
BAT41ZFILM
R6
47k
R2
4.7
CM
2X20mH
C8
33nF
R8
12k
C7
2.2nF
R3
133K
C9
470uF
D5
18V
15k
R11
R9
82k
C3
15uF
R10
130k
R5
220
D1
STTH1L06A
C13
2.2nF
R1
220k
RV
320V
R12
2.2M
L1
1mH
C5
220pF
C2
15uF
1uF
C11
C1
220nF - X2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com