Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STEVAL-ISA154V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-ISA154V1
Description  0.7 A step-down switching regulator evaluation board based on the L5980
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA154V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-ISA154V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA154V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA154V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA154V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Schematic diagram
STEVAL-ISA154V1
1
Schematic diagram
Figure 1: STEVAL-ISA154V1 circuit schematic
2/4
DocID026204 Rev 1
GSPG0904141630SG
INH
GND
VCC
L5980
C1
10 µF
8
3
7
6
4
5
2
C6
68 n F
L1
15 µH
C3 3.3 nF
R3 180
C5 150 pF
R4 3.9K
R5 100 K
OUT
FB
SYNCH
C4 10nF
R1 4.99 K
R2 1.1K
D1
STPS 2L25 U
FSW
C2
22 µF
COMP
Vout = 3.3 V
VIN = 3.3 V to 18 V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com