Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STEVAL-ISA181V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-ISA181V1
Description  12 V / 600 mA high voltage flyback converter with remote standby control using the VIPer0P
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA181V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-ISA181V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA181V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA181V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA181V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA181V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISA181V1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Specifications
STEVAL-ISA181V1
2/6
DocID030054 Rev 1
1
Specifications
Topology: flyback
Isolation: yes
Input power consumption:
Less than 8 mW at 230 VAC in Zero-Power Mode
Less than 30 mW at 230 VAC in no-load condition
compliant with EuCoC rev. 5
– Tier 2 and EPS of DOE USA input voltage: 85 VAC
- 265 VAC
Output voltage: 12 V, 600 mA
Converter frequency: 120 kHz with jittering
Max ambient temperature: 60 °C
Automatic restart protections: OLP, VCC clamp, max duty cycle counter, thermal
shutdown
Pulse-skip protection to prevent the flux-runaway
SMPS board dimensions: 68 mm x 36 mm
IR TX control board: 28 mm x 25 mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com