Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STEVAL-ISB032V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-ISB032V1
Description  Li-Ion battery charger evaluation board based on STNS01
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISB032V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-ISB032V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISB032V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISB032V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISB032V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Schematic diagram
STEVAL-ISB032V1
2/4
DocID027068 Rev 3
1
Schematic diagram
Figure 1: STEVAL-ISB032V1 circuit schematic
1
IN
2
SYS
9
ISET
BAT
B
S
A
N
T
S
1
8
2
11
NTC
BATMS
10
CE
S
N
D
4
CHG
6
5
LDO
3
U1
STNS01
C1
2.2uF
C3
2.2uF
C2
2.2uF
C4
4.7uF
R2
10K
NTC1
10K
R4
R3
R1
600
D1
LED
1
2
JP1
USB IN
2
1
JP3
SYSTEM
1
2
JP2
LDO
1
2
JP4
CHG
1
2
3
JP5
CEN
1
2
3
JP6
SD
LDO
LDO
LDO
1
2
3
JP7
BATMS
1
2
3
4
JP8
BATTERY
BAT
NTC
GND
BATSNS
R5
0
ADC_EN
1
ADC_IN
5
4
3
2
CN1
VIN
USB Micro-B
GND
VIN
GND
GND
GND
GND
GND
GND
VIN
SYS
LDO
GND
CHG
LDO
CEN
LDO
SD
GND
VIN
GSPG12092014DI1205



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com