Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2567 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2567
Description  LAN DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2567 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2567 Datasheet HTML 1Page - National Semiconductor (TI) LM2567 Datasheet HTML 2Page - National Semiconductor (TI) LM2567 Datasheet HTML 3Page - National Semiconductor (TI) LM2567 Datasheet HTML 4Page - National Semiconductor (TI) LM2567 Datasheet HTML 5Page - National Semiconductor (TI) LM2567 Datasheet HTML 6Page - National Semiconductor (TI) LM2567 Datasheet HTML 7Page - National Semiconductor (TI) LM2567 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLH11731
November 1992
LM2567
LAN DCDC Converter
General Description
The LM2567 DCDC converter is intended for use in LAN
applications as a power supply for the DP8392 Coaxial
Transceiver The converter may be operated from an input
voltage of 5V (g10%) to 15V It provides an isolated output
of b9V for loads of up to 180 mA with an efficiency of 78%
(typical) The few external components required for the con-
verter are completely specified within this datasheet
Protection features for the LM2567-based DCDC converter
include thermal and current limit Undervoltage lockout and
soft-start are incorporated to minimize the inrush current
during start-up
Features
Y
Wide input voltage range 5V to 15V
Y
Tight line regulation 05% (typ)
Y
Output voltage tolerance g5%
Y
Few external components required
Y
Surface-mount packaging
Y
Fixed switching frequency of 52 kHz
Y
Current-mode operation for improved transient re-
sponse
Typical Applications
Y
Power supply for DP8392 (LAN) coaxial transceiver
Isolated b9V output for up to 180 mA load
Typical Application
DC-to-DC Converter for DP8392 Coaxial Transceiver
TLH11731 – 1
Connection Diagram and Ordering Information
24-Lead Surface Mount (M)
TLH11731 – 2
No internal connection
Top View
Order Number LM2567M
See NS Package Number M24B
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM2567

ManufacturerPart #DatasheetDescription
logo
LM Technologies Ltd
LM256 LMTECHNOLOGIES-LM256 Datasheet
2Mb / 3P
LM256 RP SMA Dual Band 2.4GHz and 5.8GHz Antenna
17/MAY/2021
LM256-1056 LMTECHNOLOGIES-LM256-1056 Datasheet
2Mb / 3P
LM256 RP SMA Dual Band 2.4GHz and 5.8GHz Antenna
17/MAY/2021
logo
Shenzhen TOPWAY Technol...
LM256160ACA-1 TOPWAY-LM256160ACA-1 Datasheet
965Kb / 17P
LCD Module User Manual
LM256160ACA-2 TOPWAY-LM256160ACA-2 Datasheet
462Kb / 13P
LCD Module User Manual
LM256160BCW TOPWAY-LM256160BCW Datasheet
433Kb / 14P
LCD Module User Manual
More results

Similar Description - LM2567

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS2T12-9A STMICROELECTRONICS-GS2T12-9A Datasheet
32Kb / 2P
2 W LAN DC-DC CONVERTER
Dec-1993
GS2T12-9S STMICROELECTRONICS-GS2T12-9S Datasheet
33Kb / 2P
2 W LAN DC-DC CONVERTER
Dec-1993
GS2T5-9 STMICROELECTRONICS-GS2T5-9 Datasheet
170Kb / 2P
2 W LAN DC-DC CONVERTER
Dec-1993
GS2TX-9 STMICROELECTRONICS-GS2TX-9 Datasheet
92Kb / 2P
2 W LAN DC-DC CONVERTER
Dec-1993
GS2TX-9A STMICROELECTRONICS-GS2TX-9A Datasheet
42Kb / 2P
2 W LAN DC-DC CONVERTER
Apr-1997
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com