Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LX1688CPW Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX1688CPW
Description  MULTIPLE LAMP CCFL CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1688CPW Datasheet(HTML) 2 Page - Microsemi Corporation

  LX1688CPW Datasheet HTML 1Page - Microsemi Corporation LX1688CPW Datasheet HTML 2Page - Microsemi Corporation LX1688CPW Datasheet HTML 3Page - Microsemi Corporation LX1688CPW Datasheet HTML 4Page - Microsemi Corporation LX1688CPW Datasheet HTML 5Page - Microsemi Corporation LX1688CPW Datasheet HTML 6Page - Microsemi Corporation LX1688CPW Datasheet HTML 7Page - Microsemi Corporation LX1688CPW Datasheet HTML 8Page - Microsemi Corporation LX1688CPW Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Microsemi
Integrated Products, Power Management
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
 2001
Rev. 1.1a, 2003-03-21
RangeMAX™
LX1688
MULTIPLE LAMP CCFL CONTROLLER
I N T E GRA T ED
PR ODUC T S
ABSOLUTE MAXIMUM RATINGS
PACKAGE PIN OUT
BEPOL
VDD
A
OUT
PWPACKAGE
(Top View)
2
3
4
5
6
7
8
9
10
11
12
1
23
22
21
20
19
18
17
16
15
14
13
24
VSS_P
BRITE
CPOR
ENABLE
I_R
CPWM1
CPWM2
RMP_RST
PHA_SYNC
VDD_P
VDDSW
TRI_C
OLSNS
ISNS
ICOMP
VCOMP
VSNS
SLAVE
FAULT
B
OUT
VSS
TH ERMAL DATA
PW Plastic TSSOP 24-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
100°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJC).
The
θJA numbers are guidelines for the thermal performance of the device/pc-board
system. All of the above assume no ambient airflow.
FUNCTIONAL PIN DESCRIPTION
Pin Name
Description
Pin Name
Description
AOUT
Output Driver A
BOUT
Output Driver B
VSS_P
Connects to dedicated GND for Aout and
Bout Drivers
VDD_P
Connects to dedicated VDD for Aout and
Bout Drivers
VSS
Connects to analog GND
VDD
Connects to analog VDD
BEPOL
Tri-mode input pin to control the polarity of
the ENABLE and BRITE signal
VDDSW
Switchable VDD output controlled by
ENABLE
BRITE
Analog/PWM input for brightness control
TRI_C
Connects to external capacitor CTRI
CPOR
Connects an external capacitor CPOR to
VDD and is used for setting power-up reset
pulse width.
OLSNS
Analog input to detect open-lamp condition
ENABLE
Used to enable or disable the chip
ISNS
Analog input from lamp current, has built-in
300mv offset
I_R
Connects to external resistor RI; for bias
current setting for internal oscillator
ICOMP
Current error Amp’s output; connects to
external capacitor CICOMP
CPWM1
Connects to external capacitor CPWM, used
for integrating an external digital PWM
signal for analog dimming
VCOMP
Voltage error Amp’s output; connects to
external capacitor CVCOMP, can be used for
soft-start
CPWM2
Connects to external capacitor CPWM, used
for integrating an external digital PWM
signal for analog dimming.
VSNS
Analog input from transformer output
voltage
RMP_RST
If SLAVE = “0”, RMP_RST is a CMOS
output; if SLAVE = “1”, it is a CMOS input
that locks the ramp oscillation frequency to
the master clock
SLAVE
Input control pin for setting the IC either in
Master or Slave mode; “1” for slave mode
and “0” for master mode.
PHA_SYNC
If SLAVE= “0”, PHA_SYNC is a CMOS
output; if SLAVE = “1”, it is a CMOS input
that
make
the
AOUT/BOUT
phase
synchronous with the master
FAULT
Digital output to indicate maximum number
of lamp striking attempts has occurred
without lamp ignition.
Supply Voltage (VDD_P, VDD) ....................................................................... 6.5V
Digital Inputs ..............................................................................-0.3V to VDD +0.5V
Analog Inputs ............................................................................–0.1V to VDD +0.5V
Digital Outputs .......................................................................... -0.3V to VDD +0.5V
Analog Outputs ......................................................................... -0.1V to VDD +0.5V
Operating Junction Temperature ..................................................................125°C
Storage Temperature....................................................................................150°C
Lead Temperature (Soldering, 10 Seconds) .................................................300°C
Note 1: Exceeding these ratings could cause damage to the device. All voltages are with
respect to Ground. Currents are positive into, negative out of the specified terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com