Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LX1688IPW Datasheet(PDF) 13 Page - Microsemi Corporation

Part # LX1688IPW
Description  MULTIPLE LAMP CCFL CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1688IPW Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button LX1688IPW Datasheet HTML 7Page - Microsemi Corporation LX1688IPW Datasheet HTML 8Page - Microsemi Corporation LX1688IPW Datasheet HTML 9Page - Microsemi Corporation LX1688IPW Datasheet HTML 10Page - Microsemi Corporation LX1688IPW Datasheet HTML 11Page - Microsemi Corporation LX1688IPW Datasheet HTML 12Page - Microsemi Corporation LX1688IPW Datasheet HTML 13Page - Microsemi Corporation LX1688IPW Datasheet HTML 14Page - Microsemi Corporation LX1688IPW Datasheet HTML 15Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Microsemi
Integrated Products, Power Management
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 13
Copyright
 2001
Rev. 1.1a, 2003-03-21
RangeMAX™
LX1688
MULTIPLE LAMP CCFL CONTROLLER
I N T E GRA T ED
PR ODUC T S
APPLICATION INFORMATION ( C ONTINU E D)
Digital Dimming
The following oscilloscope waveforms are showing gate
signals of Master and slaves during digital dimming at 50%
and 5% duty cycle.
Figure 6- Gate signals during digital dimming with 50%
duty cycle CH2= AOUT(Master),
CH3=AOUT(Slave1), CH4=AOUT(Slave2)
Figure 7- Gate signals during digital dimming with 5% duty
cycle CH2= AOUT(Master), CH3=AOUT(Slave1),
CH4=AOUT(Slave2)
Output currents
Figure 8 shows the output current of master and slaves
during digital dimming with 5% duty cycle. The lamp currents
are operating in phase and frequency synchronization. This
prevents random interface between controllers and reduces
EMI.
Figure 8- Output current during
digital dimming with 5%
duty cycle R1= out(Master)
R2=Iout(Slave1)
R3=Iout(Slave2)
Lamp Current at 10mA/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com