Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M74HC4066M1R Datasheet(PDF) 4 Page - STMicroelectronics

Part # M74HC4066M1R
Description  QUAD BILATERAL SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4066M1R Datasheet(HTML) 4 Page - STMicroelectronics

  M74HC4066M1R Datasheet HTML 1Page - STMicroelectronics M74HC4066M1R Datasheet HTML 2Page - STMicroelectronics M74HC4066M1R Datasheet HTML 3Page - STMicroelectronics M74HC4066M1R Datasheet HTML 4Page - STMicroelectronics M74HC4066M1R Datasheet HTML 5Page - STMicroelectronics M74HC4066M1R Datasheet HTML 6Page - STMicroelectronics M74HC4066M1R Datasheet HTML 7Page - STMicroelectronics M74HC4066M1R Datasheet HTML 8Page - STMicroelectronics M74HC4066M1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
M74HC4066
4/11
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
Φ
I/O
Phase Difference
Between Input and
Output
2.0
10
50
65
75
ns
4.5
4
10
13
15
9.0
3
8
10
13
12.0
3
7
9
10
tPZL
tPZH
Output Enable Time
2.0
RL = 1KΩ
18
100
125
150
ns
4.5
8
20
25
30
9.0
6
12
22
27
12.0
6
12
18
25
tPLZ
tPHZ
Output Disable
Time
2.0
RL = 1KΩ
20
115
145
175
ns
4.5
10
23
29
35
9.0
8
20
25
30
12.0
8
18
22
27
Maximum Control
Input Frequency
2.0
RL = 1KΩ
CL = 15 pF
VOUT = 1/2 VCC
30
MHz
4.5
30
9.0
30
12.0
30
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5
10
10
10
pF
CI/O
Switch Terminal
Capacitance
6pF
CIOS
Feed Through
Capacitance
0.5
pF
CPD
Power Dissipation
Capacitance
(note 1)
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com