Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRKT56/10A Datasheet(PDF) 2 Page - International Rectifier

Part # IRKT56/10A
Description  THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKT56/10A Datasheet(HTML) 2 Page - International Rectifier

  IRKT56/10A Datasheet HTML 1Page - International Rectifier IRKT56/10A Datasheet HTML 2Page - International Rectifier IRKT56/10A Datasheet HTML 3Page - International Rectifier IRKT56/10A Datasheet HTML 4Page - International Rectifier IRKT56/10A Datasheet HTML 5Page - International Rectifier IRKT56/10A Datasheet HTML 6Page - International Rectifier IRKT56/10A Datasheet HTML 7Page - International Rectifier IRKT56/10A Datasheet HTML 8Page - International Rectifier IRKT56/10A Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRK.41, .56 Series
2
Bulletin I27131 rev. G 10/02
www.irf.com
I
T(AV)
Max. average on-state
current (Thyristors)
45
60
180o conduction, half sine wave,
I
F(AV)
Maximum average
45
60
T
C
= 85oC
forward current (Diodes)
I
O(RMS
)
Max. continuous RMS
on-state current.
As AC switch
I
TSM
Max. peak, one cycle
850
1310
t=10ms No voltage
or
non-repetitive on-state
890
1370
t=8.3ms reapplied
I
FSM
or forward current
715
1100
t=10ms 100% V
RRM
750
1150
t=8.3ms reapplied
940
1450
t=10ms T
J
= 25oC,
985
1520
t=8.3ms no voltage reapplied
I
2t
Max. I
2t for fusing
3.61
8.56
t=10ms No voltage
3.30
7.82
t=8.3ms reapplied
2.56
6.05
t=10ms 100% V
RRM
2.33
5.53
t=8.3ms reapplied
4.42
10.05
t=10ms T
J
= 25oC,
4.03
9.60
t=8.3ms no voltage reapplied
I
2
√t
Max. I
2
√t for fusing (1)
36.1
85.6
KA
2
√s
t=0.1 to 10ms, no voltage reapplied
V
T(TO)
Max. value of threshold
0.88
0.85
Low level (3)
voltage (2)
0.91
0.88
High level (4)
r
t
Max. value of on-state
5.90
3.53
Low level (3)
slope resistance (2)
5.74
3.41
High level (4)
V
TM
Max. peak on-state or
I
TM
=
πxI
T(AV)
V
FM
forward voltage
I
FM
=
πxI
F(AV)
di/dt
Max. non-repetitive rate
T
J
= 25oC, from 0.67 VDRM,
of rise of turned on
I
TM
=
π x I
T(AV),
I
g
= 500mA,
current
t
r
< 0.5 µs, t
p
> 6 µs
T
J
= 25oC, anode supply = 6V,
resistive load, gate open circuit
IL
Max. latching current
400
TJ = 25
oC, anode supply = 6V,resistive load
T
J
= T
J
max
TJ = TJ max
Parameters
IRK.41
IRK.56
Units
Conditions
100
135
(1) I
2t for time t
x
= I2
√t x √t
x
(2) Average power
= V
T(TO)
x I
T(AV)
+ r
t
x (I
T(RMS)
)
2
(3) 16.7% x
π x I
AV
< I <
π x I
AV
(4) I >
π x I
AV
On-state Conduction
I
H
Max. holding current
200
Initial T
J
= T
J
max.
150
A/µs
A
KA
2s
V
m
Ω
1.81
1.54
V
mA
or
I
(RMS)
I
(RMS)
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Type number
V
RRM
, maximum
V
RSM
, maximum
V
DRM
, max. repetitive
I
RRM
Voltage
repetitive
non-repetitive
peak off-state voltage,
IDRM
Code
peak reverse voltage
peak reverse voltage
gate open circuit
125°C
-V
V
V
mA
04
400
500
400
06
600
700
600
08
800
900
800
IRK.41/ .56
10
1000
1100
1000
15
12
1200
1300
1200
14
1400
1500
1400
16
1600
1700
1600
Sinusoidal
half wave,
Initial T
J
= T
J
max.
TJ = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com