Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3002 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP3002
Description  MCP300X 10-Bit Analog-to-Digital Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3002 Datasheet(HTML) 2 Page - Microchip Technology

  MCP3002 Datasheet HTML 1Page - Microchip Technology MCP3002 Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Microchip name, logo, PIC, PICmicro, PICMASTER, PICSTART, PRO MATE, KEELOQ, SEEVAL, MPLAB and
The Embedded Control Solutions Company are registered trademarks
of Microchip Technology Incorporated in the U.S.A. and other countries. Total Endurance, ICSP, In-Circuit Serial Programming, FilterLab, MXDEV, microID, FlexROM, fuzzyLAB, MPASM, MPLINK, MPLIB, PICDEM, ICEPIC,
Migratable Memory, FanSense, ECONOMONITOR, SelectMode and microPort are trademarks and SQTP is a service mark of Microchip Technology Inc. All other trademarks mentioned herein are the property of their
respective companies. Information subject to change. © 2001 Microchip Technology Inc. All rights reserved. Printed in the U.S.A. DS20044B 2/01
Americas
Atlanta
(770) 640-0034
Austin-Analog
(512) 345-2030
Boston
(978) 692-3848
Boston-Analog
(978) 371-6400
Chicago
(630) 285-0071
Dallas
(972) 818-7423
Dayton
(937) 291-1654
Detroit
(248) 538-2250
Los Angeles
(949) 263-1888
Mountain View-Analog
(650) 968-9241
New York
(631) 273-5305
San Jose
(408) 436-7950
Toronto
(905) 673-0699
Asia/Pacific
Australia
61 2 9868 6733
China-Beijing
86 10 85282100
China-Shanghai
86 21 6275 5700
Hong Kong
852 2401 1200
India
91 80 2290061
Japan
81 45 471 6166
Korea
82 2 554 7200
Singapore
65 334 8870
Taiwan
886 2 2717 7175
Europe
Denmark
45 4420 9895
France
33 1 69 53 63 20
Germany
49 89 627 144 0
Germany-Analog
49 89 895650 0
Italy
39 039 65791 1
United Kingdom
44 118 921 5869
As of 02/01/01
Microchip Technology Inc.•2355 W. Chandler Blvd.•Chandler, AZ 85224-6199•(480) 792-7200•Fax (480) 792-9210
Additional Information:
Microchip's web site: www.microchip.com
Microchip's Technical Library CD-ROM, Order No. DS00161
More than 112 Application Notes available:
Embedded Control Handbook, Order No. DS00092
Embedded Control Handbook, Volume 2, Math Library, Order No. DS00167
Microchip's Overview, Quality Systems and Customer Interface System, Order No. DS00169
Third party software and hardware support:
– Emulators
– Programmers
– Gang Programmers
– Software Tools
– Development Boards and Accessories
– Design Consultants
Third Party Guide, Order No. DS00104
MCP300X High-Performance 10-Bit Analog-to-Digital Converters
Resolution
No. of
Sampling Rate
INL
DNL
Supply
Temperature
Standby Current
Operating Current
Product
(Bits)
Channels
(ksps)
(±LSB)
(±LSB)
Voltage
Range
@ 5V (typical, µA)
@ 5V (typical, µA)
Packages
MCP3001
10
1
200
1
1
2.7 - 5.5
-40° to +85°C
0.005
400
8P, 8SO, 8TSSOP
MCP3002
10
2
200
1
1
2.7 - 5.5
-40° to +85°C
0.005
525
8P, 8SO, 8TSSOP
MCP3004
10
4
200
1
1
2.7 - 5.5
-40° to +85°C
0.005
425
14P, 14SO, 14TSSOP
MCP3008
10
8
200
1
1
2.7 - 5.5
-40° to +85°C
0.005
425
16P, 16SO
Development Tool Support
Microchip is offering a comprehensive set of support tools including application notes and the Analog Evaluation System.
The evaluation system consists of the analog evaluation driver board, incorporating a PICmicro microcontroller, coupled with
an MCP300X device-specific evaluation board. Windows®-based software features powerful data collection and analysis
MCP300X 10-Bit Analog-to-Digital Converters Continued



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com