Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC34063AC Datasheet(PDF) 1 Page - STMicroelectronics

Part # MC34063AC
Description  DC-DC CONVERTER CONTROL CIRCUITS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC34063AC Datasheet(HTML) 1 Page - STMicroelectronics

  MC34063AC Datasheet HTML 1Page - STMicroelectronics MC34063AC Datasheet HTML 2Page - STMicroelectronics MC34063AC Datasheet HTML 3Page - STMicroelectronics MC34063AC Datasheet HTML 4Page - STMicroelectronics MC34063AC Datasheet HTML 5Page - STMicroelectronics MC34063AC Datasheet HTML 6Page - STMicroelectronics MC34063AC Datasheet HTML 7Page - STMicroelectronics MC34063AC Datasheet HTML 8Page - STMicroelectronics MC34063AC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MC34063A
MC34063E
DC-DC CONVERTER CONTROL CIRCUITS
®
March 2001
s
OUTPUT SWITCH CURRENT IN EXCESS OF
1.5A
s
2% REFERENCE ACCURACY
s
LOW QUIESCENT CURRENT: 2.5mA (TYP.)
s
OPERATING FROM 3V TO 40V
s
FREQUENCY OPERATION TO 100KHz
s
ACTIVE CURRENT LIMITING
DESCRIPTION
The MC34063A/E series is a monolithic control
circuit delivering the main functions for DC-DC
voltage converting.
The device contains an internal temperature
compensated reference, comparator, duty cycle
controlled oscillator with an active current limit
circuit, driver and high current output switch.
Output voltage is adjustable through two external
resistors with a 2% reference accuracy.
Employing
a
minimum
number
of
external
components the MC34063A/E devices series is
designed
for
Step-Down,
Step-Up
and
Voltage-Inverting applications.
BLOCK DIAGRAM
DIP-8
SO-8
1/15


Similar Part No. - MC34063AC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC34063AC STMICROELECTRONICS-MC34063AC Datasheet
130Kb / 15P
DC-DC CONVERTER CONTROL CIRCUITS
Apr-2000
MC34063AC STMICROELECTRONICS-MC34063AC Datasheet
993Kb / 23P
DC/DC converter control circuits
20-Nov-2007
MC34063ACD STMICROELECTRONICS-MC34063ACD Datasheet
130Kb / 15P
DC-DC CONVERTER CONTROL CIRCUITS
Apr-2000
MC34063ACD-TR STMICROELECTRONICS-MC34063ACD-TR Datasheet
130Kb / 15P
DC-DC CONVERTER CONTROL CIRCUITS
Apr-2000
MC34063ACD-TR STMICROELECTRONICS-MC34063ACD-TR Datasheet
993Kb / 23P
DC/DC converter control circuits
20-Nov-2007
More results

Similar Description - MC34063AC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC34063A STMICROELECTRONICS-MC34063A Datasheet
130Kb / 15P
DC-DC CONVERTER CONTROL CIRCUITS
Apr-2000
logo
List of Unclassifed Man...
AMC34063 ETC-AMC34063 Datasheet
275Kb / 9P
DC-DC CONVERTER CONTROL CIRCUITS
MC34063A ETC1-MC34063A Datasheet
124Kb / 10P
DC-DC Converter Control Circuits
logo
ADDtek Corp
AMC34063A ADDTEK-AMC34063A Datasheet
205Kb / 9P
DC-DC CONVERTER CONTROL CIRCUITS
JUNE 2006
logo
STMicroelectronics
MC34063AB STMICROELECTRONICS-MC34063AB Datasheet
993Kb / 23P
DC/DC converter control circuits
20-Nov-2007
logo
HTC Korea TAEJIN Techno...
MC34063A HTC-MC34063A Datasheet
178Kb / 11P
DC-DC Converter Control Circuits
logo
Leshan Radio Company
LR34063 LRC-LR34063 Datasheet
244Kb / 12P
DC-DC Converter Control Circuits
logo
HTC Korea TAEJIN Techno...
MC34063AB HTC-MC34063AB Datasheet
435Kb / 12P
DC-DC Converter Control Circuits
logo
Shenzhen Huazhimei Semi...
HM3134 HMSEMI-HM3134 Datasheet
1Mb / 13P
DC-DC CONVERTER CONTROL CIRCUITS
HM3135 HMSEMI-HM3135 Datasheet
673Kb / 10P
DC-DC CONVERTER CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com