Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STEVAL-SP1ML915 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-SP1ML915
Description  USB dongle for SPIRIT1 low power RF modules SP1ML-868 and SP1ML-915
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-SP1ML915 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-SP1ML915 Datasheet HTML 1Page - STMicroelectronics STEVAL-SP1ML915 Datasheet HTML 2Page - STMicroelectronics STEVAL-SP1ML915 Datasheet HTML 3Page - STMicroelectronics STEVAL-SP1ML915 Datasheet HTML 4Page - STMicroelectronics STEVAL-SP1ML915 Datasheet HTML 5Page - STMicroelectronics STEVAL-SP1ML915 Datasheet HTML 6Page - STMicroelectronics STEVAL-SP1ML915 Datasheet HTML 7Page - STMicroelectronics STEVAL-SP1ML915 Datasheet HTML 8Page - STMicroelectronics STEVAL-SP1ML915 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STEVAL-SP1ML915;
STEVAL-SP1ML868
USB dongle for SPIRIT1 low power RF modules SP1ML-868 and
SP1ML-915
Data brief
Features
•
Based on SPIRIT1 sub GHz modules
SP1ML-868 and SP1ML-915
•
USB interface and power supply
•
RESET button
•
On-board antenna
•
RoHS compliant
Description
The STEVAL-SP1ML868 and STEVAL-
SP1ML915 boards are design tools that allow
evaluation of ST's SP1ML-868 and SP1ML-915
low power RF modules in a quick and simple
way.
The dongle includes the module to evaluate, an
on-board RF antenna, and a USB connector. The
USB connector is used to connect the dongle to a
PC, to access the sub GHz RF module and to
supply the dongle.
The STEVAL-SP1ML868 and STEVAL-
SP1ML915 downloaded firmware enables the
user to create a SPIRIT1 link using simple AT
commands.
The SP1ML-based dongle is not qualified. It is a
demonstration tool only, to be used strictly for
evaluation purposes. It is not a product in itself.
January 2015
DocID027158 Rev 1
1/9
For further information contact your local STMicroelectronics sales
office
www.st.com


Similar Part No. - STEVAL-SP1ML915

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-SPBT2ATV2 STMICROELECTRONICS-STEVAL-SPBT2ATV2 Datasheet
75Kb / 4P
USB Dongle for the Bluetooth® class 2 SPBT2532C2.AT module
23-Feb-2011
STEVAL-SPBT2ATV3 STMICROELECTRONICS-STEVAL-SPBT2ATV3 Datasheet
468Kb / 8P
USB dongle for the Bluetooth® class 2 SPBT2532C2.AT2 module
25-Jun-2012
STEVAL-SPBT3ATV3 STMICROELECTRONICS-STEVAL-SPBT3ATV3 Datasheet
742Kb / 8P
USB dongle for the Bluetooth® class 2 SPBT2632C2A.AT2 module
25-Jun-2012
STEVAL-SPDC01V1 STMICROELECTRONICS-STEVAL-SPDC01V1 Datasheet
130Kb / 4P
10 A DC-DC high density PoL convert module demonstration boards based on the SPDC12L00010
October 2009 Rev 2
STEVAL-SPDC01V2 STMICROELECTRONICS-STEVAL-SPDC01V2 Datasheet
130Kb / 4P
10 A DC-DC high density PoL convert module demonstration boards based on the SPDC12L00010
October 2009 Rev 2
More results

Similar Description - STEVAL-SP1ML915

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT800_SERIES ETC2-BT800_SERIES Datasheet
131Kb / 2P
Bluetooth v4.0 Class 1 USB HCI Modules and Dongle
logo
Semtech Corporation
DP1203C4333 SEMTECH-DP1203C4333 Datasheet
295Kb / 13P
868 and 915MHz Drop-In RF Transceiver Modules
logo
STMicroelectronics
SP1ML STMICROELECTRONICS-SP1ML Datasheet
777Kb / 27P
SPIRIT1 868 and 915 MHz low power RF modules with integrated microcontroller
26-Jun-2015
SPSGRF STMICROELECTRONICS-SPSGRF Datasheet
330Kb / 23P
Sub-GHz (868 or 915 MHz) low power programmable RF transceiver modules
17-Oct-2016
STEVAL-IDI005V1 STMICROELECTRONICS-STEVAL-IDI005V1 Datasheet
235Kb / 5P
SP1ML 868 MHz wireless sensor board powered by a coin cell battery
26-Jan-2016
STEVAL-IDS001V4M STMICROELECTRONICS-STEVAL-IDS001V4M Datasheet
268Kb / 6P
868 MHz RF USB dongle based on the SPIRIT1 SPSGRF-868 module
02-Jul-2015
logo
Semtech Corporation
DP1203F SEMTECH-DP1203F Datasheet
395Kb / 13P
433/868/915 MHz RF Modules
logo
STMicroelectronics
STEVAL-IKR002V4D STMICROELECTRONICS-STEVAL-IKR002V4D Datasheet
190Kb / 4P
SPIRIT1 868 MHz low data rate tansceiver daughterboard
Rev 1
logo
AUREL S.p.A.
650201378G AUREL-650201378G Datasheet
2Mb / 1P
FOR WIRELESS NETWORK 868 MHz TM RFTide USB Dongle
15.10.2016 - Rev A
logo
Abracon Corporation
PRO-OB-471 ABRACON-PRO-OB-471 Datasheet
1Mb / 18P
OnBoard 868/915/8682400 MHz - Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com