Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STEVAL-TSP005V2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STEVAL-TSP005V2
Description  IEEE 802.3af compliant PD interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TSP005V2 Datasheet(HTML) 3 Page - STMicroelectronics

  STEVAL-TSP005V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-TSP005V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-TSP005V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-TSP005V2 Datasheet HTML 4Page - STMicroelectronics STEVAL-TSP005V2 Datasheet HTML 5Page - STMicroelectronics STEVAL-TSP005V2 Datasheet HTML 6Page - STMicroelectronics STEVAL-TSP005V2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DocID026436 Rev 1
3/7
STEVAL-TSP005V2
Introduction
7
2
Introduction
This document details the characteristics and performances of the PM8800A demonstration
kit STEVAL-TSP005V2 which has been designed to cover a broad range of power over
ethernet (PoE) applications.
The PM8800A is a highly integrated device embedding an IEEE 802.3af compliant powered
device (PD) interface together with a PWM controller and support for auxiliary sources.
Even though the PM8800A can be configured to work in both isolated and non-isolated
topologies, single or double output; this document focuses on a low cost isolated flyback
converter topology with diode rectification, 5 V output voltage with an up to 2 A output
current capability.
Auxiliary sources can be connected to the board on 2 input connectors. One input (AUX II)
allows prevalence of the auxiliary sources with respect to the PoE, while the other input
(AUX I) allows the usage of a wall adaptor with voltage lower than the internal PoE UVLO
threshold and still benefits from the inherent inrush and DC current limit.
The above mentioned configurations are all supported by the PM8800A demonstration kit
as options on the same PCB.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com