Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8L-PRIMER Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM8L-PRIMER
Description  Raisonance STM32 and STM8 Primers for fun, easy evaluation and development with STM32 and STM8
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L-PRIMER Datasheet(HTML) 6 Page - STMicroelectronics

  STM8L-PRIMER Datasheet HTML 1Page - STMicroelectronics STM8L-PRIMER Datasheet HTML 2Page - STMicroelectronics STM8L-PRIMER Datasheet HTML 3Page - STMicroelectronics STM8L-PRIMER Datasheet HTML 4Page - STMicroelectronics STM8L-PRIMER Datasheet HTML 5Page - STMicroelectronics STM8L-PRIMER Datasheet HTML 6Page - STMicroelectronics STM8L-PRIMER Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Revision history
STM8L-PRIMER STM32-PRIMER STMPRIMER
6/7
DocID13942 Rev 10
5
Revision history
Table 3. Document revision history
Date
Revision
Changes
26-Sep-2007
1
Initial release.
30-Oct-2008
2
Added the STM3210E-PRIMER details.
21-Jun-2010
3
Added EvoPrimer details.
Removed Primer1 and Primer2 details as they are replaced by the
STM32F performance line EvoPrimer.
15-Jul-2010
4
Changed STM8L-PRIMER order code.
13-Dec-2010
5
Removed Primer1 and Primer2 as well as STM3210E-PRIMER and
STM3210B-PRIMER.
Updated Features to mention MCU for STM8L and STM32F
EvoPrimer.
27-Sep-2011
6
Replaced STM3210EPRIMER and STM3210EPRIM-D with
STM3210GPRIMER and STM3210GPRIM-D and updated
Development software.
Updated Table 1 and Table 2.
07-Nov-2011
7
Added STMPRIMER-EXT in Table 1 and Table 2 and corresponding
features on the cover page.
Updated Note 1 in Table 2.
Renamed STM8L and STM32L EnergyLite devices to STM8L and
STM32L utlralow power devices.
Updated links to online community and resources in Section 3:
Development software.
29-Nov-2011
8
Added STM3240GPRIMER and STM3240GPRIM-D in Table 1 and
Table 2.
Updated Features to include STM32F high-performance and DSP
EvoPrimer features.
16-Apr-2013
9
Updated note in More resources and information on Raisonance C
compiler (STM8) in Development software.
14-Oct-2013
10
Edited feature lines for STM32F105/107, STM32F103,
STM32F407/417 and STM32F429/439 lines.
Added STM3242IPRIMER and STM3242IPRIMER-D ordering codes
to Table 1: Device summary (and note (1) removed), and to Table 2:
Order codes.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com