Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S-DISCOVERY Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM8S-DISCOVERY
Description  STM8S access Discovery
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S-DISCOVERY Datasheet(HTML) 1 Page - STMicroelectronics

  STM8S-DISCOVERY Datasheet HTML 1Page - STMicroelectronics STM8S-DISCOVERY Datasheet HTML 2Page - STMicroelectronics STM8S-DISCOVERY Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
November 2010
Doc ID 17820 Rev 1
1/3
3
STM8S-DISCOVERY
STM8S access Discovery
Features
■ STM8S105C6T6 microcontroller, 32 KB Flash,
2 KB RAM, 1 KB EEPROM
■ Powered by USB cable between PC and
STM8S-DISCOVERY
■ Selectable power of 5 V or 3.3 V
■ Touch sensing button
■ User LED
■ Extension header for all I/Os
■ Wrapping area for users own application
■ Embedded ST-Link
■ USB interface for programming and debugging
■ SWIM debug support
Description
The STM8S-DISCOVERY helps you to discover
the STM8S features and to develop and share
your own application.
Even though the STM8S-DISCOVERY is built
around an STM8S105C6T6, it allows evaluation
of the main features of all the STM8S Access line
MCUs. It includes an embedded debugger ST-
Link, and a touch sensing button.
The STM8S-DISCOVERY simply plugs into a PC
through a standard USB cable. Numerous
applications are available from the STM8S-
DISCOVERY web page.
Table 1.
Device summary
Order code
Reference
STM8S-DISCOVERY STM8S access Discovery
www.st.com


Similar Part No. - STM8S-DISCOVERY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8S STMICROELECTRONICS-STM8S Datasheet
9Mb / 467P
STM8S Series and STM8AF Series 8-bit microcontrollers
04-Oct-2017
STM8S001J3 STMICROELECTRONICS-STM8S001J3 Datasheet
1Mb / 84P
16 MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I2C
29-Jun-2017
STM8S001J3 STMICROELECTRONICS-STM8S001J3 Datasheet
1Mb / 84P
16 MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I2C
26-Aug-2020
STM8S001J3M3 STMICROELECTRONICS-STM8S001J3M3 Datasheet
1Mb / 84P
16 MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I2C
29-Jun-2017
STM8S001J3 STMICROELECTRONICS-STM8S001J3_V01 Datasheet
1Mb / 84P
16 MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I2C
26-Aug-2020
More results

Similar Description - STM8S-DISCOVERY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHT007V1 STMICROELECTRONICS-STEVAL-IHT007V1 Datasheet
199Kb / 4P
Extension board with ACS switches for STM8S Discovery Kit
16-Dec-2011
STM8S103K3 STMICROELECTRONICS-STM8S103K3 Datasheet
1Mb / 113P
Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data
09-Sep-2010
STM8SVLDISCOVERY STMICROELECTRONICS-STM8SVLDISCOVERY Datasheet
124Kb / 4P
STM8S Value line Discovery
07-Nov-2011
AN3255 STMICROELECTRONICS-AN3255 Datasheet
464Kb / 24P
Building an RFID short-range reader using the STM8S-DISCOVERY
12-Oct-2010
AN3259 STMICROELECTRONICS-AN3259 Datasheet
334Kb / 25P
RS232 communications with a terminal using the STM8S-DISCOVERY
06-Dec-2010
AN3260 STMICROELECTRONICS-AN3260 Datasheet
324Kb / 24P
Building a thermometer using the STM8S-DISCOVERY
17-Dec-2010
AN3265 STMICROELECTRONICS-AN3265 Datasheet
218Kb / 19P
Handling hardware and software failures with the STM8S-DISCOVERY
17-Dec-2010
AN3280 STMICROELECTRONICS-AN3280 Datasheet
171Kb / 13P
Displaying variable voltage on a bar of LEDs using STM8S-DISCOVERY
21-Oct-2010
AN3332 STMICROELECTRONICS-AN3332 Datasheet
96Kb / 7P
Generating PWM signals using STM8S-DISCOVERY
15-Jan-2011
STM8A-DISCOVERY STMICROELECTRONICS-STM8A-DISCOVERY Datasheet
232Kb / 4P
STM8A-DISCOVERY Discovery kit for STM8A microcontrollers
15-Nov-2012
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com