Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F303XB Datasheet(PDF) 57 Page - STMicroelectronics

Part # STM32F303XB
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303XB Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STM32F303XB Datasheet HTML 53Page - STMicroelectronics STM32F303XB Datasheet HTML 54Page - STMicroelectronics STM32F303XB Datasheet HTML 55Page - STMicroelectronics STM32F303XB Datasheet HTML 56Page - STMicroelectronics STM32F303XB Datasheet HTML 57Page - STMicroelectronics STM32F303XB Datasheet HTML 58Page - STMicroelectronics STM32F303XB Datasheet HTML 59Page - STMicroelectronics STM32F303XB Datasheet HTML 60Page - STMicroelectronics STM32F303XB Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 148 page
background image
DocID023353 Rev 13
57/148
STM32F303xB STM32F303xC
Electrical characteristics
124
6.1.7
Current consumption measurement
Figure 12. Current consumption measurement scheme
6.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 21: Voltage characteristics,
Table 22: Current characteristics, and Table 23: Thermal characteristics may cause
permanent damage to the device. These are stress ratings only and functional operation of
the device at these conditions is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
Table 21. Voltage characteristics(1)
Symbol
Ratings
Min
Max
Unit
VDD–VSS
External main supply voltage (including VDDA, VBAT
and VDD)
-0.3
4.0
V
VDD–VDDA
Allowed voltage difference for VDD > VDDA
-0.4
VREF+–VDDA(2) Allowed voltage difference for VREF+ > VDDA
-0.4
VIN(3)
Input voltage on FT and FTf pins
VSS −0.3
VDD + 4.0
Input voltage on TTa pins
VSS −0.3
4.0
Input voltage on any other pin
VSS −0.3
4.0
Input voltage on Boot0 pin
0
9
|
ΔVDDx|
Variations between different VDD power pins
-
50
mV
|VSSX −VSS|
Variations between all the different ground pins(4)
-50
VESD(HBM)
Electrostatic discharge voltage (human body
model)
see Section 6.3.12: Electrical
sensitivity characteristics
-
1. All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power supply, in the
permitted range. The following relationship must be respected between VDDA and VDD:
VDDA must power on before or at the same time as VDD in the power up sequence.
VDDA must be greater than or equal to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com