Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F303XB Datasheet(PDF) 111 Page - STMicroelectronics

Part # STM32F303XB
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303XB Datasheet(HTML) 111 Page - STMicroelectronics

Back Button STM32F303XB Datasheet HTML 107Page - STMicroelectronics STM32F303XB Datasheet HTML 108Page - STMicroelectronics STM32F303XB Datasheet HTML 109Page - STMicroelectronics STM32F303XB Datasheet HTML 110Page - STMicroelectronics STM32F303XB Datasheet HTML 111Page - STMicroelectronics STM32F303XB Datasheet HTML 112Page - STMicroelectronics STM32F303XB Datasheet HTML 113Page - STMicroelectronics STM32F303XB Datasheet HTML 114Page - STMicroelectronics STM32F303XB Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 148 page
background image
DocID023353 Rev 13
111/148
STM32F303xB STM32F303xC
Electrical characteristics
124
SINAD
(5)
Signal-to-
noise and
distortion
ratio
ADC clock freq.
≤ 72 MHz,
Sampling freq.
≤ 5 Msps,
2 V
≤ VDDA, VREF+ ≤ 3.6 V
100-pin package
Single
Ended
Fast channel 5.1 Ms
64
-
dB
Slow channel 4.8 Ms
63
-
Differential
Fast channel 5.1 Ms
67
-
Slow channel 4.8 Ms
67
-
SNR(5)
Signal-to-
noise ratio
Single
Ended
Fast channel 5.1 Ms
64
-
Slow channel 4.8 Ms
64
-
Differential
Fast channel 5.1 Ms
67
-
Slow channel 4.8 Ms
67
-
THD(5)
Total
harmonic
distortion
Single
Ended
Fast channel 5.1 Ms
-
-74
Slow channel 4.8 Ms
-
-74
Differential
Fast channel 5.1 Ms
-
-78
Slow channel 4.8 Ms
-
-76
1. ADC DC accuracy values are measured after internal calibration.
2. ADC accuracy vs. negative Injection Current: Injecting negative current on any analog input pins should be avoided as this
significantly reduces the accuracy of the conversion being performed on another analog input. It is recommended to add a
Schottky diode (pin to ground) to analog pins which may potentially inject negative current.
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in Section 6.3.14 does not affect the ADC
accuracy.
3. Better performance may be achieved in restricted VDDA, frequency and temperature ranges.
4. Guaranteed by characterization results.
5. Value measured with a -0.5 dB full scale 50 kHz sine wave input signal.
Table 71. ADC accuracy, 100-pin packages(1)(2)(3) (continued)
Symbol Parameter
Conditions
Min (4) Max(4) Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com