Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F303XB Datasheet(PDF) 117 Page - STMicroelectronics

Part # STM32F303XB
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303XB Datasheet(HTML) 117 Page - STMicroelectronics

Back Button STM32F303XB Datasheet HTML 113Page - STMicroelectronics STM32F303XB Datasheet HTML 114Page - STMicroelectronics STM32F303XB Datasheet HTML 115Page - STMicroelectronics STM32F303XB Datasheet HTML 116Page - STMicroelectronics STM32F303XB Datasheet HTML 117Page - STMicroelectronics STM32F303XB Datasheet HTML 118Page - STMicroelectronics STM32F303XB Datasheet HTML 119Page - STMicroelectronics STM32F303XB Datasheet HTML 120Page - STMicroelectronics STM32F303XB Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 148 page
background image
DocID023353 Rev 13
117/148
STM32F303xB STM32F303xC
Electrical characteristics
124
6.3.19
DAC electrical specifications
Table 75. DAC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage
-
2.4
-
3.6
V
RLOAD(1)
Resistive load
DAC output
buffer ON
Connected to VSSA
5-
-
k
Ω
Connected to VDDA
25
-
-
RO(1)
Output impedance
DAC output buffer OFF
-
-
15
k
Ω
CLOAD(1)
Capacitive load
DAC output buffer ON
-
-
50
pF
VDAC_OUT (1)
Voltage on DAC_OUT
output
Corresponds to 12-bit input
code (0x0E0) to (0xF1C) at
VDDA = 3.6 V
and (0x155) and (0xEAB) at
VDDA = 2.4 V DAC output buffer
ON.
0.2
-
VDDA – 0.2
V
DAC output buffer OFF
-
0.5
VDDA - 1LSB mV
IDDA(3)
DAC DC current
consumption in quiescent
mode (Standby mode)(2)
With no load, middle code
(0x800) on the input.
--
380
µA
With no load, worst code
(0xF1C) on the input.
--
480
µA
DNL(3)
Differential non linearity
Difference between two
consecutive code-1LSB)
Given for a 10-bit input code
-
-
±0.5
LSB
Given for a 12-bit input code
-
-
±2
LSB
INL(3)
Integral non linearity
(difference between
measured value at Code i
and the value at Code i on a
line drawn between Code 0
and last Code 4095)
Given for a 10-bit input code
-
-
±1
LSB
Given for a 12-bit input code
-
-
±4
LSB
Offset(3)
Offset error (difference
between measured value at
Code (0x800) and the ideal
value = VDDA/2)
--
-
±10
mV
Given for a 10-bit input code at
VDDA = 3.6 V
--
±3
LSB
Given for a 12-bit input code at
VDDA = 3.6 V
--
±12
LSB
Gain error(3) Gain error
Given for a 12-bit input code
-
-
±0.5
%
tSETTLING(3)
Settling time (full scale: for a
12-bit input code transition
between the lowest and the
highest input codes when
DAC_OUT reaches final
value ±1LSB
CLOAD
≤50 pF,
RLOAD
≥ 5 kΩ
-3
4
µs
Update
rate(3)
Max frequency for a correct
DAC_OUT change when
small variation in the input
code (from code i to i+1LSB)
CLOAD
≤50 pF,
RLOAD
≥ 5 kΩ
--
1
MS/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com