Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F303XB Datasheet(PDF) 122 Page - STMicroelectronics

Part # STM32F303XB
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303XB Datasheet(HTML) 122 Page - STMicroelectronics

Back Button STM32F303XB Datasheet HTML 118Page - STMicroelectronics STM32F303XB Datasheet HTML 119Page - STMicroelectronics STM32F303XB Datasheet HTML 120Page - STMicroelectronics STM32F303XB Datasheet HTML 121Page - STMicroelectronics STM32F303XB Datasheet HTML 122Page - STMicroelectronics STM32F303XB Datasheet HTML 123Page - STMicroelectronics STM32F303XB Datasheet HTML 124Page - STMicroelectronics STM32F303XB Datasheet HTML 125Page - STMicroelectronics STM32F303XB Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 148 page
background image
Electrical characteristics
STM32F303xB STM32F303xC
122/148
DocID023353 Rev 13
PGA gain
Non inverting gain value
-
-2
-
-
-4
-
-
-8
-
-
-16
-
-
Rnetwork
R2/R1 internal resistance values in
PGA mode (3)
Gain=2
-
5.4/5.4
-
k
Ω
Gain=4
-
16.2/5.4
-
Gain=8
-
37.8/5.4
-
Gain=16
-
40.5/2.7
-
PGA gain error
PGA gain error
-
-1%
-
1%
Ibias
OPAMP input bias current
-
-
-
±0.2(4)
µA
PGA BW
PGA bandwidth for different non
inverting gain
PGA Gain = 2,
Cload = 50pF,
Rload = 4 K
Ω
-4
-
MHz
PGA Gain = 4,
Cload = 50pF,
Rload = 4 K
Ω
-2
-
PGA Gain = 8,
Cload = 50pF,
Rload = 4 K
Ω
-1
-
PGA Gain = 16,
Cload = 50pF,
Rload = 4 K
Ω
-0.5
-
en
Voltage noise density
@ 1KHz, Output
loaded with
4 K
Ω
-109
-
@ 10KHz,
Output loaded
with 4 K
Ω
-43
-
1. Guaranteed by design.
2. The saturation voltage can be also limited by the Iload (drive current).
3. R2 is the internal resistance between OPAMP output and OPAMP inverting input.
R1 is the internal resistance between OPAMP inverting input and ground.
The PGA gain =1+R2/R1
4. Mostly TTa I/O leakage, when used in analog mode.
Table 77. Operational amplifier characteristics(1) (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
nV
Hz
-----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com