Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F303XB Datasheet(PDF) 146 Page - STMicroelectronics

Part # STM32F303XB
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303XB Datasheet(HTML) 146 Page - STMicroelectronics

Back Button STM32F303XB Datasheet HTML 140Page - STMicroelectronics STM32F303XB Datasheet HTML 141Page - STMicroelectronics STM32F303XB Datasheet HTML 142Page - STMicroelectronics STM32F303XB Datasheet HTML 143Page - STMicroelectronics STM32F303XB Datasheet HTML 144Page - STMicroelectronics STM32F303XB Datasheet HTML 145Page - STMicroelectronics STM32F303XB Datasheet HTML 146Page - STMicroelectronics STM32F303XB Datasheet HTML 147Page - STMicroelectronics STM32F303XB Datasheet HTML 148Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 146 / 148 page
background image
Revision history
STM32F303xB STM32F303xC
146/148
DocID023353 Rev 13
17-Apr-2015
11
Updated Section 7: Package information: with new package information
structure adding 1 sub paragraph for each package.
Updated Figure 41: LQFP100 – 14 x 14 mm, low-profile quad flat
package top view example removing gate mark.
Added note for all packages about the device marking orientation: “the
following figure gives an example of topside marking orientation versus
pin 1 identifier location”.
Updated Table 82: LQFP64 – 10 x 10 mm, low-profile quad flat package
mechanical data.
11-Dec-2015
12
Added WLCSP100:
– Updated cover page.
– Updated Table 2: STM32F303xB/STM32F303xC family device
features and peripheral counts.
– Added Figure 7: STM32F303xB/STM32F303xC WLCSP100 pinout.
– Updated Table 13: STM32F303xB/STM32F303xC pin definitions.
– Updated Table 24: General operating conditions.
– Added Section 7.4: WLCSP100 - 0.4 mm pitch wafer level chip scale
package information.
– Updated Table 86: Package thermal characteristics.
– Updated Table 87: Ordering information scheme.
Updated Figure 4, Figure 5, Figure 6, Table 13 and Table 22 removing
all VDD and VSS indexes.
Updated all the notes removing ‘not tested in production’.
Updated Table 68: ADC characteristics adding VREF- negative voltage
reference.
Update Table 21: Voltage characteristics adding table note 4.
Table 88. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com