Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NSC800D Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800D
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800D Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button NSC800D Datasheet HTML 21Page - National Semiconductor (TI) NSC800D Datasheet HTML 22Page - National Semiconductor (TI) NSC800D Datasheet HTML 23Page - National Semiconductor (TI) NSC800D Datasheet HTML 24Page - National Semiconductor (TI) NSC800D Datasheet HTML 25Page - National Semiconductor (TI) NSC800D Datasheet HTML 26Page - National Semiconductor (TI) NSC800D Datasheet HTML 27Page - National Semiconductor (TI) NSC800D Datasheet HTML 28Page - National Semiconductor (TI) NSC800D Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 76 page
background image
NSC800 SOFTWARE
100 Introduction
This chapter provides the reader with a detailed description
of the NSC800 software Each NSC800 instruction is de-
scribed in terms of opcode function flags affected timing
and addressing mode
110 Addressing Modes
The following sections describe the addressing modes sup-
ported by the NSC800 Note that particular addressing
modes are often restricted to certain types of instructions
Examples of instructions used in the particular addressing
modes follow each mode description
The 10 addressing modes and 158 instructions provide a
flexible and powerful instruction set
111 REGISTER
The most basic addressing mode is that which addresses
data in the various CPU registers In these cases bits in the
opcode select specific registers that are to be addressed by
the instruction
Example
Instruction Load register B from register C
Mnemonic LD
BC
Opcode
TLC5171 – 50
In this instruction both the B and C registers are addressed
by opcode bits
112 IMPLIED
The implied addressing mode is an extension to the register
addressing mode In this mode a specific register the accu-
mulator is used in the execution of the instruction In partic-
ular arithmetic operations employ implied addressing since
the A register is assumed to be the destination register for
the result without being specifically referenced in the op-
code
Example
Instruction Subtract the contents of register D from the
Accumulator (A register)
Mnemonic SUB
D
Opcode
TLC5171 – 51
In this instruction the D register is addressed with register
addressing while the use of the A register is implied by the
opcode
113 IMMEDIATE
The most straightforward way of introducing data to the
CPU registers is via immediate addressing where the data
is contained in an additional byte of multi-byte instructions
Example
Instruction Load the E register with the constant value
X’7C
Mnemonic LD
EX’7C
Opcode
TLC5171 – 52
In this instruction the E register is addressed with register
addressing while the constant X’7C is immediate data in the
second byte of the instruction
114 IMMEDIATE EXTENDED
As immediate addressing allows 8 bits of data to be sup-
plied by the operand immediate extended addressing al-
lows 16 bits of data to be supplied by the operand These
are in two additional bytes of the instruction
Example
Instruction Load the 16-bit IX register with the constant
value X’ABCD
Mnemonic LD
IXX’ABCD
Opcode
TLC5171 – 53
In this instruction register addressing selects the IX regis-
ter while the 16-bit quanity X’ABCD is immediate data sup-
plied as immediate extended format
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com