Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STMPE16M31PX Datasheet(PDF) 1 Page - STMicroelectronics

Part # STMPE16M31PX
Description  S-Touch® 16-channel touchkey controller with proximity sensing
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31PX Datasheet(HTML) 1 Page - STMicroelectronics

  STMPE16M31PX Datasheet HTML 1Page - STMicroelectronics STMPE16M31PX Datasheet HTML 2Page - STMicroelectronics STMPE16M31PX Datasheet HTML 3Page - STMicroelectronics STMPE16M31PX Datasheet HTML 4Page - STMicroelectronics STMPE16M31PX Datasheet HTML 5Page - STMicroelectronics STMPE16M31PX Datasheet HTML 6Page - STMicroelectronics STMPE16M31PX Datasheet HTML 7Page - STMicroelectronics STMPE16M31PX Datasheet HTML 8Page - STMicroelectronics STMPE16M31PX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
January 2011
Doc ID 17058 Rev 2
1/75
75
STMPE16M31PX
S-Touch® 16-channel touchkey controller
with proximity sensing
Features
Up to 16 capacitive sensor inputs
Independent and configurable automatic
calibration on all channels
Proximity sensing capability for over 3 cm
distance
15 fF resolution, 512 steps with 30 pF auto-
tuning
Up to 30 pF external reference capacitor
PWM and GPIO:
– Up to 16 general purpose inputs/outputs
– 8 independent PWM controllers, up to 16
PWM outputs
– 12 mA sourcing/sinking on GPIO for LED
driving (at 3.3 V VIO)
– Maximum source/sink current 120 mA
Operating voltage:
–1.65 - 1.95 V (VCC, internally supplied)
–2.7- 5.5 V(VIO)
Low operating current: 300 µA in active mode,
40 µA in sleep mode and 5 µA in hibernate
mode
I2C interface (up to 400 kHz). I2C is 3.3 V
tolerant
8 kV HBM ESD protection on all sensing pins
Applications
Multimedia bars in notebook computers
Portable media players and game consoles
Mobile phones and smartphones
Description
The STMPE16M31PX capacitive touchkey
controllers offer highly versatile and flexible
capacitive sensing capabilities in one single chip.
The devices integrate up to 16 capacitive sensing
channels which are highly sensitive and noise
tolerant. Eight independent PWM controllers allow
to control up to 16 LEDs with brightness control,
ramping and blinking capabilities. The I2C
interface supports up to 400 kHz communication
with the system host. A very wide dynamic range
allows most applications to work without
hardware tuning.
A single STMPE16M31PX device can be used to
implement a complete notebook multimedia
control bar with eight capacitive touchkeys,
proximity sensor with sensitivity up to 5 cm and
eight independently controlled LED.
QFN32
(4 x 4 mm)
Table 1.
Device summary
Order code
Package
Packaging
STMPE16M31PXQTR
QFN32 (4 x 4 mm)
Tape and reel
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STMPE16M31PX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE16M31 STMICROELECTRONICS-STMPE16M31 Datasheet
1,007Kb / 85P
S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
April 2011 Rev 4
STMPE16M31QTR STMICROELECTRONICS-STMPE16M31QTR Datasheet
1,007Kb / 85P
S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
April 2011 Rev 4
More results

Similar Description - STMPE16M31PX

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MTCH112 MICROCHIP-MTCH112_12 Datasheet
1Mb / 48P
Dual-Channel Proximity/Touch Controller
2012 11/27/12
logo
STMicroelectronics
STMPE24M31QTR STMICROELECTRONICS-STMPE24M31QTR Datasheet
1,007Kb / 85P
S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
18-Apr-2011
logo
List of Unclassifed Man...
IQS128 ETC2-IQS128 Datasheet
1Mb / 33P
Single Channel Capacitive Proximity, Touch Controller
IQS211 ETC2-IQS211 Datasheet
1Mb / 33P
Single Channel Capacitive Proximity/Touch Controller with movement detection
IQS227AS ETC2-IQS227AS Datasheet
1Mb / 31P
Single Channel Capacitive Proximity/Touch Controller
IQS228AS ETC2-IQS228AS Datasheet
1Mb / 30P
Single Channel Capacitive Proximity/Touch Controller
IQS316 ETC2-IQS316_15 Datasheet
1Mb / 28P
16 Touch Keys with distributed Proximity Sensing
logo
STMicroelectronics
STMPE16M31 STMICROELECTRONICS-STMPE16M31 Datasheet
1,007Kb / 85P
S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
April 2011 Rev 4
STMPE321 STMICROELECTRONICS-STMPE321 Datasheet
429Kb / 40P
3-channel capacitive touchkey controller
August 2009 Rev 3
STMPE812 STMICROELECTRONICS-STMPE812 Datasheet
626Kb / 51P
S-Touch® enhanced 4-wire resistive touchscreen controller with PWM
25-Feb-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com