Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STMPE24M31QTR Datasheet(PDF) 77 Page - STMicroelectronics

Part # STMPE24M31QTR
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE24M31QTR Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STMPE24M31QTR Datasheet HTML 73Page - STMicroelectronics STMPE24M31QTR Datasheet HTML 74Page - STMicroelectronics STMPE24M31QTR Datasheet HTML 75Page - STMicroelectronics STMPE24M31QTR Datasheet HTML 76Page - STMicroelectronics STMPE24M31QTR Datasheet HTML 77Page - STMicroelectronics STMPE24M31QTR Datasheet HTML 78Page - STMicroelectronics STMPE24M31QTR Datasheet HTML 79Page - STMicroelectronics STMPE24M31QTR Datasheet HTML 80Page - STMicroelectronics STMPE24M31QTR Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 85 page
background image
STMPE16M31, STMPE24M31
Package mechanical data
Doc ID 16174 Rev 4
77/85
Table 21.
Package mechanical data for QFN40 (5 x 5 mm) - pitch 0.4 mm
Figure 22. QFN40 recommended footprint without ground pad VIA
Symbol
Millimeters
Min
Typ
Max
A
0.80
0.85
0.90
A1
0
0.02
0.05
A3
-
-0.203
-
b
0.15
0.20
0.25
D
4.90
5
5.10
D2
3.70
3.80
3.90
E
4.90
5
5.10
E2
3.70
3.80
3.90
e-
0.40
-
L
0.25
0.35
0.45
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com