| Electronic Components Datasheet Search |
|
P87C51MB2BA Datasheet(PDF) 15 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P87C51MB2BA Datasheet(HTML) 15 Page - NXP Semiconductors |
|
15 / 34 page ![]() 2001 Apr 06 15 Philips Semiconductors Preliminary specification P87C51MB2/P87C51MC2 80C51 8-bit microcontroller family with extended memory 64KB/96KB OTP with 2KB/3KB RAM UARTS P87C51Mx2 includes two enhanced UART ports with one independent Baud Rate Generator: • UART 0 is the standard 51MX enhanced UART as described in the User Manual. It can be selected to use Timer1 overflow, Timer2 overflow or the independent Baud Rate Generator. • UART 1 only uses the independent Baud Rate Generator to generate its baud rate. It has the same baud rate for both transmission and reception. • The Baud Rate Generator is described in the User Manual. Each of the UARTs has one set of enhanced UART SFRs. Please refer to the descriptions on the corresponding SFRs in the User Manual: PCON.7 and PCON.6 SFR Bits The PCON.7 and PCON.6 SFR bits configure the UARTs as follows: • PCON.7 (SMOD1) - Baud Rate Control bit for serial port 0. When 0, the baud rate for UART 0 will be the input rate (T1 timer or baud rate generator, as determined by the BRGCON extended SFR) divided by two. When 1, the baud rate for UART 0 will be the input rate (T1 timer or baud rate generator). UART 1 is not affected by this bit • PCON.6 (SMOD0) - Framing Error Location: - When 0, bit 7 of S0CON and S1CON will function as SM0 for UARTs 0 and 1 respectively. - When 1, bit 7 of S0CON and S1CON will be used for framing error status for UART 0 and 1 respectively. PCON.6 also determines when the UART receive interrupts RI_0 and RI_1 occur in UART modes 2 or 3. (Refer to User Manual for details.) Register Description SFR Location 51MX Extended SFR Location See Description in User Manual on S0CON Serial Port 0 Control 98H SCON S0BUF Serial Port 0 Data Buffer 99H SBUF S0ADDR Serial Port 0 Address A9H SADDR S0ADEN Serial Port 0 Address Enable B9H SADEN S0STAT Serial Port 0 Status 8CH SSTAT S1CON Serial Port 1 Control 80H SCON S1BUF Serial Port 1 Data Buffer 81H SBUF S1ADDR Serial Port 1 Address 82H SADDR S1ADEN Serial Port 1 Address Enable 83H SADEN S1STAT Serial Port 1 Status 84H SSTAT Table 3: UARTs 0 and 1 SFRs. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |