Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STTH5R06-Y Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH5R06-Y
Description  Low reverse recovery current
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH5R06-Y Datasheet(HTML) 5 Page - STMicroelectronics

  STTH5R06-Y Datasheet HTML 1Page - STMicroelectronics STTH5R06-Y Datasheet HTML 2Page - STMicroelectronics STTH5R06-Y Datasheet HTML 3Page - STMicroelectronics STTH5R06-Y Datasheet HTML 4Page - STMicroelectronics STTH5R06-Y Datasheet HTML 5Page - STMicroelectronics STTH5R06-Y Datasheet HTML 6Page - STMicroelectronics STTH5R06-Y Datasheet HTML 7Page - STMicroelectronics STTH5R06-Y Datasheet HTML 8Page - STMicroelectronics STTH5R06-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STTH5R06-Y
Characteristics
Doc ID 17655 Rev 1
5/9
Figure 13.
Thermal resistance junction to ambient versus copper surface under tab (DPAK)
Figure 11.
Junction capacitance versus
reverse voltage applied (typical
values)
Figure 12.
Thermal resistance junction to
ambient versus copper surface
under tab (D2PAK)
C(pF)
10
100
1
10
100
1000
F=1 MHz
VOSC=30 mVRMS
Tj=25 °C
V (V)
R
R
(°C/W)
th(j-a)
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
D²PAK
S(Cu)(cm²)
Epoxy printed circuit board FR4
copper thickness = 35 µm
R
(°C/W)
th(j-a)
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
DPAK
S(Cu)(cm²)
Epoxy printed circuit board FR4
copper thickness = 35 µm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com