Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STTH6010-Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH6010-Y
Description  Very low conduction and switching losses
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH6010-Y Datasheet(HTML) 3 Page - STMicroelectronics

  STTH6010-Y Datasheet HTML 1Page - STMicroelectronics STTH6010-Y Datasheet HTML 2Page - STMicroelectronics STTH6010-Y Datasheet HTML 3Page - STMicroelectronics STTH6010-Y Datasheet HTML 4Page - STMicroelectronics STTH6010-Y Datasheet HTML 5Page - STMicroelectronics STTH6010-Y Datasheet HTML 6Page - STMicroelectronics STTH6010-Y Datasheet HTML 7Page - STMicroelectronics STTH6010-Y Datasheet HTML 8Page - STMicroelectronics STTH6010-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DocID018924 Rev 2
3/9
STTH6010-Y
Characteristics
9
Table 5. Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
IF = 1 A, dlF/dt = -50 A/µs,
VR = 30 V, Tj = 25 °C
-115
ns
IF = 1 A, dlF/dt = -100 A/µs,
VR = 30 V, Tj = 25 °C
-61
80
IF = 1 A, dlF/dt = -200 A/µs,
VR = 30 V, Tj = 25 °C
-49
65
IRM
Reverse recovery current
IF = 60 A, dlF/dt = -200 A/µs,
VR = 600 V, Tj = 125 °C
-31
40
A
S
Softness factor
IF = 60 A, dlF/dt = -200 A/µs,
VR = 600 V, Tj = 125 °C
-1
tfr
Forward recovery time
IF = 60 A, dlF/dt = 100 A/µs,
VFR = 1.5 x VFmax, Tj = 25 °C
-750
ns
VFP
Forward recovery voltage
IF = 60 A, dlF/dt = 100 A/µs,
Tj = 25 °C
-4
V
Figure 1. Conduction losses versus average
current
Figure 2. Forward voltage drop versus forward
current



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com