Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7705 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7705
Description  Highly integrated tuner for AM/FM car radio
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7705 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7705 Datasheet HTML 6Page - STMicroelectronics TDA7705 Datasheet HTML 7Page - STMicroelectronics TDA7705 Datasheet HTML 8Page - STMicroelectronics TDA7705 Datasheet HTML 9Page - STMicroelectronics TDA7705 Datasheet HTML 10Page - STMicroelectronics TDA7705 Datasheet HTML 11Page - STMicroelectronics TDA7705 Datasheet HTML 12Page - STMicroelectronics TDA7705 Datasheet HTML 13Page - STMicroelectronics TDA7705 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Function description
TDA7705
10/42
Doc ID 15938 Rev 9
2
Function description
2.1
FM - mixers
The image-rejection mixer has two FM inputs, selectable through software. These inputs
feed stages with different gains, noise figures, and IIP3. They are optimized for best
performance in case of a passive tuned prestage and for a passive fixed bandpass without
tuning for low-cost application respectively.
The second input offers also the possibility of an easy addition of a weather-band
preselection filter.
The input frequency is downconverted to low IF with high image rejection.
The tuned application is supported by an 8-bit tuning DAC. The alignment of the DAC is
performed automatically.
2.2
FM - AGC
The programmable RFAGC senses the mixer input whereas the IFAGC senses the IFADC
input to avoid overload.
The PIN diode driver is able to drive external PIN diodes with a current value as high as
15mA.
The time constant of the FM-AGC is defined by an external capacitor.
2.3
AM - LNA
The AM-LNA is integrated with low noise and high IIP2 and IIP3. The gain of the LNA is
controlled by the AGC. The maximum gain is set with an external resistor, typically 26 dB
with 1 k
.
2.4
AM - AGC
The programmable AM-RF-AGC senses the mixer inputs and controls the internal PIN diode
and LNA gain.
First the LNA gain is reduced by about 10dB, then the PIN diodes are activated to attenuate
the signal.
The time constant of the AM-AGC is defined with an external capacitor and programmable
internal currents.
2.5
AM - mixers
The image-rejection mixer has two AM inputs selectable via software. It easily supports low-
cost applications for extended frequency bands like SW, DRM.
The input frequency is converted to low IF with high image rejection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com