Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

40ST1041AXPNLF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 40ST1041AXPNLF
Description  100 BASE ?밫X QUAD PORT TRANSFORMER FOR ASSIST POE POWER LINE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

40ST1041AXPNLF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  40ST1041AXPNLF Datasheet HTML 1Page - Bothhand USA, LP. 40ST1041AXPNLF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
100 BASE –TX QUAD PORT TRANSFORMER FOR ASSIST POE POWER LINE
P/N: 40ST1041AXPN LF DATA SHEET
Page : 1/2
A4(07/11)
Feature
l
IEEE 802.3 Ethernet compatible.
l
100 Base-TX Surface mountable.
l
Design for multi-port repeater and Ethernet switching HUB
application.
l
Customer designs available for specific application.
l
Comply with RoHS requirements-whole part No Cd, No Hg,
No Cr6+, No PBB and PBDE and No Pb on external pins.
l
Operating temperature range :0℃ to +70℃.
l
Storage temperature range: -25℃ to +125℃.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Part
Number
TX
RX
OCL(uH Min)
@100KHz/0.1V
with 8mA DC Bias
L.L
(uH Max)
CW/W
(pF Max)
HI-POT
(Vrms)
40ST1041AXPN LF
1CT:1CT
1CT:1CT
350
0.4
28
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)
Cross talk
(dB Min)
DCMR
(dB Min)
Part
Number
0.3–100MHz
0.3-30MHz 30-60MHz 60-80MHz 0.3-60MHz 60-100MHz 60MHz 100MHz 200MHz
40ST1041AXPN LF
-1.15
-16
-12
-10
-40
-35
-37
-28
-25
Schematic
Mechanical


Similar Part No. - 40ST1041AXPNLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40ST1041AX BOTHHAND-40ST1041AX Datasheet
754Kb / 5P
10/100 BASE QUAD PORT PULSE TRANSFORMERS
40ST1041AX BOTHHAND-40ST1041AX Datasheet
212Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
40ST1041AX BOTHHAND-40ST1041AX Datasheet
212Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
40ST1041AX-1 BOTHHAND-40ST1041AX-1 Datasheet
754Kb / 5P
10/100 BASE QUAD PORT PULSE TRANSFORMERS
40ST1041AX-1 BOTHHAND-40ST1041AX-1 Datasheet
215Kb / 1P
40 PIN SMD ETHERNET 100 BASE-TX HIGH SPEED LAN MAGNETICS
More results

Similar Description - 40ST1041AXPNLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40ST1060_M BOTHHAND-40ST1060_M Datasheet
185Kb / 1P
10/100 BASE QUAD PORT PULSE TRANSFORMER
40ST1062 BOTHHAND-40ST1062 Datasheet
226Kb / 1P
10/100 BASE QUAD PORT PULSE TRANSFORMER
logo
Allied Components Inter...
AHTA-4001S ALLIED-AHTA-4001S Datasheet
410Kb / 1P
10/100 Base T Quad Port Transformer
AHTA-4002S ALLIED-AHTA-4002S Datasheet
339Kb / 1P
10/100 Base T Quad Port Transformer
AHTA-4003S ALLIED-AHTA-4003S Datasheet
345Kb / 1P
10/100 Base T Quad Port Transformer
AHTA-4005S ALLIED-AHTA-4005S Datasheet
279Kb / 1P
10/100 Base T Quad Port Transformer
AHTA-4006S ALLIED-AHTA-4006S Datasheet
354Kb / 1P
10/100 Base T Quad Port Transformer
AHTA-5001S ALLIED-AHTA-5001S Datasheet
441Kb / 1P
10/100 Base T Quad Port Transformer
AHTE-4001S ALLIED-AHTE-4001S Datasheet
337Kb / 1P
10/100 Base T Quad Port Transformer
AHTE-4002S ALLIED-AHTE-4002S Datasheet
282Kb / 1P
10/100 Base T Quad Port Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com