Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HAL83x Datasheet(PDF) 8 Page - Micronas

Part # HAL83x
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL83x Datasheet(HTML) 8 Page - Micronas

Back Button HAL83x Datasheet HTML 4Page - Micronas HAL83x Datasheet HTML 5Page - Micronas HAL83x Datasheet HTML 6Page - Micronas HAL83x Datasheet HTML 7Page - Micronas HAL83x Datasheet HTML 8Page - Micronas HAL83x Datasheet HTML 9Page - Micronas HAL83x Datasheet HTML 10Page - Micronas HAL83x Datasheet HTML 11Page - Micronas HAL83x Datasheet HTML 12Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 102 page
background image
HAL8xy, HAL100x
APPLICATION NOTE
Programmer Board
8
Sept. 19, 2013; APN000046_03EN
Micronas
2. Functional Description
The Hall programmer board V 5.1 serves as a communication interface between a PC
and the programmable Hall sensor connected to the board.
With a specific programming software, command strings are sent to the board, which
generate the serial protocol pattern for the sensor. After sending the protocol, the board
reads back the answer of the Hall sensor or
in case of a communication error gener-
ates an error flag.
Depending on the command, the board can send the answer of the Hall sensor back to
the PC.
The Hall programmer board V 5.1 can be connected to a serial port of a PC (COM1,
COM2, COM3, or COM4) using a 1:1 cable with SUB-D-9 plugs.
2.1.
Software
For each of the programmable Hall sensor families, a specific PC software exists. This
software provides a graphical user interface based on Microsoft Visual Basic or Lab-
View.
For detailed information on the software, please refer to the software documentation
enclosed in the software installation CD.
2.2.
Firmware
The firmware of the board is stored in an on-board flash memory. The current version
number of the firmware can be read out by sending a “v” command followed by a “t”
command (see Table 4–2).
If the Micronas VB software is used, the firmware version number is read out by select-
ing the menu item:
Help
 About.
It is easily possible to do a firmware update (see Section 3.4.1).
2.3.
Power-On Self-Test
Firmware version 1.27 or higher provides a power-on self-test procedure:
– After setting the supply voltage or pushing the reset button, the board performs a
self-test and measures all voltage levels.
– In case of an error, the status flag is set and the error LED ignites.
– If this happens, disconnect all sensors and try again. If the error persists, please
contact your supplier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com